Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH8R06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8R06
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8R06 Datasheet HTML 1Page - STMicroelectronics STTH8R06 Datasheet HTML 2Page - STMicroelectronics STTH8R06 Datasheet HTML 3Page - STMicroelectronics STTH8R06 Datasheet HTML 4Page - STMicroelectronics STTH8R06 Datasheet HTML 5Page - STMicroelectronics STTH8R06 Datasheet HTML 6Page - STMicroelectronics STTH8R06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
STTH8R06D/FP/G/R
January 2002 - Ed: 2C
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
®
The STTH8R06D/FP/G/R, which is using ST 600V
technology, is specially suited as boost diode in
continuous mode power factor corrections and
hard switching conditions.
The device is also intended for use as a free
wheeling diode in power supplies and other power
switching applications.
DESCRIPTION
s
Ultrafast switching
s
Low reverse recovery current
s
Reduces switching losses
s
Low thermal resistance
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC
Tc = 130°C
D
2PAK/I2PAK Tc = 130°C
TO-220FPAC
Tc = 85°C
8A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
80
A
Tstg
Storage temperature range
- 65 + 175
°C
Tj
Maximum operating junction temperature
+ 175
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
8A
VRRM
600 V
IRM (typ.)
5.5A
Tj (max)
175 °C
VF (max)
1.8 V
trr (max)
45 ns
MAIN PRODUCT CHARACTERISTICS
K
K
A
TO-220AC
STTH8R06D
K
A
TO-220FPAC
STTH8R06FP
K
NC
A
K
A
NC
K
D
2PAK
STTH8R06G
I
2PAK
STTH8R06R


Similar Part No. - STTH8R06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06-Y STMICROELECTRONICS-STTH8R06-Y Datasheet
125Kb / 8P
Reduces switching losses
03-Nov-2011
STTH8R066G-TR STMICROELECTRONICS-STTH8R066G-TR Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06D STMICROELECTRONICS-STTH8R06D Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06D STMICROELECTRONICS-STTH8R06D Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
More results

Similar Description - STTH8R06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com