Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH8R06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8R06
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8R06 Datasheet HTML 1Page - STMicroelectronics STTH8R06 Datasheet HTML 2Page - STMicroelectronics STTH8R06 Datasheet HTML 3Page - STMicroelectronics STTH8R06 Datasheet HTML 4Page - STMicroelectronics STTH8R06 Datasheet HTML 5Page - STMicroelectronics STTH8R06 Datasheet HTML 6Page - STMicroelectronics STTH8R06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STTH8R06D/FP/G/R
4/7
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0
200
400
600
800
1000
dIF/dt(A/µs)
IF< 2 x IF(av)
VR=400V
Tj=125°C
S factor
Fig. 7:
Softness factor (tb/ta) versus dIF/dt
(typical values).
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
Tj(°C)
IRM
S factor
QRR
Fig.
8:
Relative
variation
of
dynamic
parameters
versus
junction
temperature
(Reference: Tj=125°C).
0
50
100 150 200 250 300 350 400 450 500
0
1
2
3
4
5
6
7
8
9
10
11
12
dIF/dt(A/µs)
VFP(V)
IF=IF(av)
Tj=125°C
Fig. 9: Transient peak forward voltage versus
dIF/dt (90% confidence).
0
50
100 150 200 250 300 350 400 450 500
0
20
40
60
80
100
120
140
160
180
200
dIF/dt(A/µs)
tfr(ns)
VFR=1.1 x VF max.
IF=IF(av)
Tj=125°C
Fig. 10:
Forward recovery time versus dIF/dt
(90% confidence).
1
10
100
200
10
20
50
100
VR(V)
C(pF)
F=1MHz
Vosc=30mV
Tj=25°C
Fig. 11:
Junction capacitance versus reverse
voltage applied (typical values).
0
50
100
150
200
250
300
350
0
200
400
600
800
1000
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
Qrr(nC)
Fig. 6: Reverse recovery charges versus dIF/dt
(90% confidence).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com