Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37221FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37221FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37221FP Datasheet HTML 9Page - Renesas Technology Corp M37221FP Datasheet HTML 10Page - Renesas Technology Corp M37221FP Datasheet HTML 11Page - Renesas Technology Corp M37221FP Datasheet HTML 12Page - Renesas Technology Corp M37221FP Datasheet HTML 13Page - Renesas Technology Corp M37221FP Datasheet HTML 14Page - Renesas Technology Corp M37221FP Datasheet HTML 15Page - Renesas Technology Corp M37221FP Datasheet HTML 16Page - Renesas Technology Corp M37221FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 13 of 110
REJ03B0134-0100Z
8.2 MEMORY
8.2.1 Special Function Register (SFR) Area
The special function register (SFR) area in the zero page includes
control registers such as I/O ports and timers.
8.2.2 RAM
RAM is used for data storage and for stack area of subroutine calls
and interrupts.
8.2.3 ROM
ROM is used for storing user programs as well as the interrupt vector
area.
8.2.4 OSD RAM
RAM used for specifying the character codes and colors for display.
8.2.5 OSD ROM
ROM used for storing character data for display.
8.2.6 Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
8.2.7 Zero Page
The zero page addressing mode can be used to specify memory and
register addresses in the zero page area. Access to this area is pos-
sible with only 2 bytes in the zero page addressing mode.
8.2.8 Special Page
The special page addressing mode can be used to specify memory
addresses in the special page area. Access to this area is possible
with only 2 bytes in the special page addressing mode.
8.2.9 ROM Correction Memory (RAM)
This is used as the program area for ROM correction.
Fig. 8.2.1 Memory Map (M37221M4H/M6H-XXXSP/FP)
000016
00C016
00FF16
01BF16
06B716
A00016
SFR area
Not used
Not used
Not used
FFFF16
FFDE16
FF0016
060016
Interrupt vector area
Not used
1000016
11FFF16
1FFFF16
OSD ROM
(8K bytes)
Special page
OSD RAM
(96 bytes)
(See note)
Zero page
Note: Refer to Table 8.11.4 OSD RAM.
■ M37221M4 H/M6H -XXXSP/FP
C00016
017F16
M37221M6H-
XXXSP/FP
RAM
(448 bytes)
ROM
(16K bytes)
ROM
(24K bytes)
M37221M6H-
XXXSP/FP
M37221M4H-
XXXSP/FP
02FF16
02C016
02E016
ROM correction function
Vector 1: address 02C016
Vector 2: address 02E016
M37221M4H-
XXXSP/FP
RAM
(384 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com