Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37221FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37221FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37221FP Datasheet HTML 17Page - Renesas Technology Corp M37221FP Datasheet HTML 18Page - Renesas Technology Corp M37221FP Datasheet HTML 19Page - Renesas Technology Corp M37221FP Datasheet HTML 20Page - Renesas Technology Corp M37221FP Datasheet HTML 21Page - Renesas Technology Corp M37221FP Datasheet HTML 22Page - Renesas Technology Corp M37221FP Datasheet HTML 23Page - Renesas Technology Corp M37221FP Datasheet HTML 24Page - Renesas Technology Corp M37221FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 21 of 110
REJ03B0134-0100Z
Fig. 8.3.2 Interrupt Request Register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1 (IREQ1) [Address 00FC
BName
Functions
After reset RW
Interrupt Request Register 1
0
0 : No interrupt request issued
1 : Interrupt request issued
Timer 1 interrupt
request bit (TM1R)
1
Timer 2 interrupt
request bit (TM2R)
2
Timer 3 interrupt
request bit
(TM3R)
3Timer 4 interrupt
request bit (TM4R)
4
OSD interrupt request
bit (CRTR)
5
VSYNC interrupt
request bit (VSCR)
6
Multi-master I2C-BUS interface
interrupt request bit (IICR)
7
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
0
✽
0
✽
0
✽
0
✽
0
✽
0
✽
0
✽
✽: “0” can be set by software, but “1” cannot be set.
✽
16
]
R
R
R
R
R
R
R
R
INT3 external interrupt
request bit (IT3R)
0 : No interrupt request issued
1 : Interrupt request issued
Fig. 8.3.3 Interrupt Request Register 2
b7b6 b5 b4b3 b2 b1 b0
Interrupt request register 2 (IREQ2) [Address 00FD
BName
Functions
After reset RW
Interrupt Request Register 2
0
INT1 external interrupt
request bit (IT1R)
0 : No interrupt request issued
1 : Interrupt request issued
1
INT2 external interrupt
request bit (IT2R)
2
Serial I/O interrupt
request bit (S1R)
3
4
f(XIN)/4096 interrupt
request bit (MSR)
5, 6
7
Fix this bit to “0.”
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
✽: “0” can be set by software, but “1” cannot be set.
0
0
✽
0
✽
0
✽
0
✽
0 : No interrupt request issued
1 : Interrupt request issued
16
]
R
R
R
R
R —
R W
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0R —
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com