Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37702S1AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M37702S1AFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37702S1AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M37702S1AFP Datasheet HTML 1Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 2Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 3Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 4Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 5Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 6Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 7Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 8Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
3
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
FUNCTIONS OF M37702M2AXXXFP
Parameter
Number of basic instructions
Instruction execution time
Memory size
Input/Output ports
Multi-function timers
Serial I/O
A-D converter
Watchdog timer
Interrupts
Clock generating circuit
Supply voltage
Power dissipation
Input/Output characteristic
Memory expansion
Operating temperature range
Device structure
Package
Functions
103
250 ns (the fastest instruction at external clock 16 MHz frequency)
160 ns (the fastest instruction at external clock 25 MHz frequency)
16 K bytes
512 bytes
8-bit ! 8
4-bit ! 1
16-bit ! 5
16-bit ! 3
(UART or clock synchronous serial I/O) ! 2
8-bit ! 1 (8 channels)
12-bit ! 1
3 external types, 16 internal types
(Each interrupt can be set the priority levels to 0 – 7.)
Built-in (externally connected to a ceramic resonator or quartz
crystal resonator)
5 V ± 10%
60 mW (at external clock 16 MHz frequency)
5 V
5 mA
Maximum 16 M bytes
–20 – 85°C
CMOS high-performance silicon gate process
80-pin plastic molded QFP
M37702M2AXXXFP, M37702S1AFP
M37702M2BXXXFP, M37702S1BFP
ROM
RAM
P0 – P2, P4 – P8
P3
TA0, TA1, TA2, TA3, TA4
TB0, TB1, TB2
Input/Output voltage
Output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com