Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37702S1AFP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37702S1AFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37702S1AFP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37702S1AFP Datasheet HTML 45Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 46Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 47Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 48Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 49Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 50Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 51Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 52Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
48
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
TIMING REQUIREMENTS (VCC = 5 V ± 10%, VSS = 0 V, Ta = 25 °C, unless otherwise noted)
Limits
Symbol
Parameter
Unit
tc
tw(H)
tw(L)
tr
tf
External clock input cycle time
External clock input high-level pulse width
External clock input low-level pulse width
External clock rise time
External clock fall time
Min.
62
25
25
ns
ns
ns
ns
ns
External clock input
Min.
40
15
15
Max.
8
8
16 MHz
25 MHz
Max.
10
10
Limits
Symbol
Parameter
Unit
tsu(P0D–E)
tsu(P1D–E)
tsu(P2D–E)
tsu(P3D–E)
tsu(P4D–E)
tsu(P5D–E)
tsu(P6D–E)
tsu(P7D–E)
tsu(P8D–E)
th(E–P0D)
th(E–P1D)
th(E–P2D)
th(E–P3D)
th(E–P4D)
th(E–P5D)
th(E–P6D)
th(E–P7D)
th(E–P8D)
Port P0 input setup time
Port P1 input setup time
Port P2 input setup time
Port P3 input setup time
Port P4 input setup time
Port P5 input setup time
Port P6 input setup time
Port P7 input setup time
Port P8 input setup time
Port P0 input hold time
Port P1 input hold time
Port P2 input hold time
Port P3 input hold time
Port P4 input hold time
Port P5 input hold time
Port P6 input hold time
Port P7 input hold time
Port P8 input hold time
Min.
100
100
100
100
100
100
100
100
100
0
0
0
0
0
0
0
0
0
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Single-chip mode
Min.
60
60
60
60
60
60
60
60
60
0
0
0
0
0
0
0
0
0
Max.
16 MHz
25 MHz
Max.
Limits
Symbol
Parameter
Unit
tsu(P1D–E)
tsu(P2D–E)
tsu(RDY–
φ1)
tsu(HOLD–
φ1)
th(E–P1D)
th(E–P2D)
th(
φ1–RDY)
th(
φ1–HOLD)
Port P1 input setup time
Port P2 input setup time
____
RDY input setup time
_____
HOLD input setup time
Port P1 input hold time
Port P2 input hold time
____
RDY input hold time
_____
HOLD input hold time
Min.
45
45
60
60
0
0
0
0
ns
ns
ns
ns
ns
ns
ns
ns
Memory expansion mode and microprocessor mode
Min.
30
30
55
55
0
0
0
0
Max.
16 MHz
25 MHz
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com