Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37542RSS Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37542RSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37542RSS Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37542RSS Datasheet HTML 45Page - Renesas Technology Corp M37542RSS Datasheet HTML 46Page - Renesas Technology Corp M37542RSS Datasheet HTML 47Page - Renesas Technology Corp M37542RSS Datasheet HTML 48Page - Renesas Technology Corp M37542RSS Datasheet HTML 49Page - Renesas Technology Corp M37542RSS Datasheet HTML 50Page - Renesas Technology Corp M37542RSS Datasheet HTML 51Page - Renesas Technology Corp M37542RSS Datasheet HTML 52Page - Renesas Technology Corp M37542RSS Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
7542 Group
Rev.3.03
Jul 11, 2008
Page 49 of 117
REJ03B0006-0303
[Transmit buffer register 1/receive buffer register 1 (TB1/
RB1)] 001816
The transmit buffer register and the receive buffer register are lo-
cated at the same address. The transmit buffer is write-only and
the receive buffer is read-only. If a character bit length is 7 bits, the
MSB of data stored in the receive buffer is “0”.
[Serial I/O1 status register (SIO1STS)] 001916
The read-only serial I/O1 status register consists of seven flags
(bits 0 to 6) which indicate the operating status of the serial I/O1
function and various errors.
Three of the flags (bits 4 to 6) are valid only in UART mode.
The receive buffer full flag (bit 1) is cleared to “0” when the receive
buffer register is read.
If there is an error, it is detected at the same time that data is
transferred from the receive shift register to the receive buffer reg-
ister, and the receive buffer full flag is set. A write to the serial I/O1
status register clears all the error flags OE, PE, FE, and SE (bit 3
to bit 6, respectively). Writing “0” to the serial I/O1 enable bit SIOE
(bit 7 of the serial I/O1 control register) also clears all the status
flags, including the error flags.
Bits 0 to 6 of the serial I/O1 status register are initialized to “0” at
reset, but if the transmit enable bit of the serial I/O1 control regis-
ter has been set to “1”, the transmit shift completion flag (bit 2)
and the transmit buffer empty flag (bit 0) become “1”.
[Serial I/O1 control register (SIO1CON)] 001A16
The serial I/O1 control register consists of eight control bits for the
serial I/O1 function.
[UART1 control register (UART1CON)] 001B16
The UART1 control register consists of four control bits (bits 0 to
3) which are valid when asynchronous serial I/O is selected and
set the data format of an data transfer and one bit (bit 4) which is
always valid and sets the output structure of the P11/TxD1 pin.
[Baud rate generator 1 (BRG1)] 001C16
The baud rate generator determines the baud rate for serial transfer.
The baud rate generator divides the frequency of the count source
by 1/(n + 1), where n is the value written to the baud rate generator.
■ Notes on Serial I/O1
• Serial I/O interrupt
When setting the transmit enable bit to “1”, the serial I/O transmit
interrupt request bit is automatically set to “1”. When not requiring
the interrupt occurrence synchronized with the transmission en-
abled, take the following sequence.
➀ Set the serial I/O transmit interrupt enable bit to “0” (disabled).
➁ Set the transmit enable bit to “1”.
➂ Set the serial I/O transmit interrupt request bit to “0” after 1 or
more instructions have been executed.
➃ Set the serial I/O transmit interrupt enable bit to “1” (enabled).
• I/O pin function when serial I/O1 is enabled.
The functions of P12 and P13 are switched with the setting values
of a serial I/O1 mode selection bit and a serial I/O1 synchronous
clock selection bit as follows.
(1) Serial I/O1 mode selection bit → “1” :
Clock synchronous type serial I/O is selected.
Setup of a serial I/O1 synchronous clock selection bit
“0” : P12 pin turns into an output pin of a synchronous clock.
“1” : P12 pin turns into an input pin of a synchronous clock.
Setup of a SRDY1 output enable bit (SRDY)
“0” : P13 pin can be used as a normal I/O pin.
“1” : P13 pin turns into a SRDY1 output pin.
(2) Serial I/O1 mode selection bit → “0” :
Clock asynchronous (UART) type serial I/O is selected.
Setup of a serial I/O1 synchronous clock selection bit
“0”: P12 pin can be used as a normal I/O pin.
“1”: P12 pin turns into an input pin of an external clock.
When clock asynchronous (UART) type serial I/O is selected, it is
P13 pin. It can be used as a normal I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com