Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37542RSS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37542RSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37542RSS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37542RSS Datasheet HTML 17Page - Renesas Technology Corp M37542RSS Datasheet HTML 18Page - Renesas Technology Corp M37542RSS Datasheet HTML 19Page - Renesas Technology Corp M37542RSS Datasheet HTML 20Page - Renesas Technology Corp M37542RSS Datasheet HTML 21Page - Renesas Technology Corp M37542RSS Datasheet HTML 22Page - Renesas Technology Corp M37542RSS Datasheet HTML 23Page - Renesas Technology Corp M37542RSS Datasheet HTML 24Page - Renesas Technology Corp M37542RSS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
7542 Group
Rev.3.03
Jul 11, 2008
Page 21 of 117
REJ03B0006-0303
Fig. 20 Block diagram of ports (1)
(1) Port P00
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
Capture 0 input
P00 key-on wakeup
selection bit
Drive capacity
control
Capture 0 input control
(2) Ports P01, P02
Compare output
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
Compare output control
Drive capacity
control
(3) Port P03
Timer output
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
P03/TXOUT output valid
Drive capacity
control
(4) Port P04
Serial I/O2 input
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
Serial I/O2 enable bit
Drive capacity
control
P04 key-on wakeup
selection bit
Receive enable bit
(5) Port P05
Serial I/O2 output
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
Serial I/O2 enable bit
Drive capacity
control
Transmit enable bit
(6) Port P06
Serial I/O2 clock output
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
Serial I/O2 mode selection bit
Drive capacity
control
Serial I/O2 enable bit
Serial I/O2 synchronous
clock selection bit
Serial I/O2 clock input
P06 key-on wakeup
selection bit
Serial I/O2 enable bit
(7) Port P07
Serial I/O2 ready output
Direction
register
Data bus
Port latch
Pull-up control
To key input interrupt
generating circuit
Serial I/O2 mode selection bit
Serial I/O2 enable bit
SRDY2 output enable bit
Drive capacity
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com