Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1630S04LP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA1630S04LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S04LP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA1630S04LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 10Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 11Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 12Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 13Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 14Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 15Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 16Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HA1630S04/05/06 Series
R03DS0082EJ0200 Rev.2.00
Page 13 of 24
Jan 10, 2014
Figure 2-15. HA1630S05
Input Bias Current vs. Ambient Temperature
−200
−100
0
100
200
0
25
50
75
100
Ambient Temperature Ta (
°C)
Figure 2-16. HA1630S05
Input Bias Current vs. Input Voltage
−200
−100
0
100
200
0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage VIN (V)
Figure 2-20. HA1630S05
Small Signal Transient Response
Figure 2-19. HA1630S05
Large Signal Transient Response
Figure 2-17. HA1630S05
Slew Rate (rising) vs. Ambient Temperature
0
4
2
6
8
10
−40 −20
0
20
40
60
80
100
Ambient Temperature Ta (
°C)
Figure 2-18. HA1630S05
Slew Rate (falling) vs. Ambient Temperature
0
4
2
6
8
10
−40 −20
0
20
40
60
80
100
Ambient Temperature Ta (
°C)
VDD = 5.5 V
VDD = 3.0 V
VDD = 1.8 V
VDD = 5.5 V
VDD = 3.0 V
VDD = 1.8 V
Ta = 25
°C
VDD = 3.0 V
VDD = 3.0 V
1.4 V
1.6 V
1.6 V
1.4 V
0V
2.0 V
2.0 V
0 V
Ta = 25
°C
VDD = 3.0 V
RL = 100 kΩ
CL = 20 pF
Ta = 25
°C
VDD = 3.0 V
RL = 100 kΩ
CL = 20 pF
VIN = 2.1 Vp-p, 500 kHz
VIN = 0.2 Vp-p, 500 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com