Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1630S04LP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA1630S04LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S04LP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA1630S04LP Datasheet HTML 16Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 17Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 18Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 19Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 20Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 21Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 22Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 23Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
HA1630S04/05/06 Series
R03DS0082EJ0200 Rev.2.00
Page 21 of 24
Jan 10, 2014
Measure VO corresponding to VIN1 = 1.45 V and VIN2 = 1.55 V
6. Output Source Current, IOSOURCE & Output Sink Current, IOSINK
7. Common Mode Input Voltage, VCM & Common Mode Rejection Ratio, CMRR
10. Gain, AV & Phase, GBW
8. Total Harmonic Distortion, THD
9. Slew Rate, SR
Gain Variable
RF / RS = 20log (100 kΩ / 1 kΩ) = 40 dB
RF / RS = 20log (100 kΩ / 100 kΩ) = 0 dB
freq = 100 Hz, 1 kHz, 10 kHz
30 kHz LPF ON
THD
VO = VDD − 0.5 V
VIN1 = VDD / 2 − 0.05 V
VIN2 = VDD / 2 + 0.05 V
IOSOURCE
VO = + 0.5 V
VIN1 = VDD / 2 + 0.05 V
VIN2 = VDD / 2 − 0.05 V
IOSINK
CMRR =
−20log
×
RS
RS + RF
VO1 − VO2
VIN1 − VIN2
CMRR
−
+
VDD
VO
VIN1
VIN2
A
−
+
VDD
VO
VDD
2
RS = 6.8 kΩ
VIN
RS = 6.8 kΩ
RF = 680 kΩ
RF = 680 kΩ
−
+
VDD
VSS
VO
Gain Variable
VIN
RS
RF
−
+
VDD
VSS
VO
20 pF
1 M
Ω
RS = 6.8 kΩ
RS = 6.8 kΩ
RF = 680 kΩ
−
+
VDD
VSS
VO
20 pF
1 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com