Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SH28 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SH28
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SH28 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SH28 Datasheet HTML 2Page - Renesas Technology Corp 2SH28 Datasheet HTML 3Page - Renesas Technology Corp 2SH28 Datasheet HTML 4Page - Renesas Technology Corp 2SH28 Datasheet HTML 5Page - Renesas Technology Corp 2SH28 Datasheet HTML 6Page - Renesas Technology Corp 2SH28 Datasheet HTML 7Page - Renesas Technology Corp 2SH28 Datasheet HTML 8Page - Renesas Technology Corp 2SH28 Datasheet HTML 9Page - Renesas Technology Corp 2SH28 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SH28
4
Gate to Emitter Voltage
V
(V)
GE
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage
Collecot to Emitter Saturation Voltage
vs. Collector Current
Gate to Emitter Voltage
V
(V)
GE
Typical Transfer Characteristics
Collector to Emitter Voltage V
(V)
CE
Typical Capacitance vs.
Collecotor to Emitter Voltage
Collector Current
I
(A)
C
5
4
3
2
1
0
48
12
16
20
20
16
12
8
4
0
4
8
12
16
20
Tc = 75°C
25°C
–25°C
5 A
I
= 20 A
C
V
= 10 V
Pulse Test
CE
Pulse Test
0.1
1
10
100
0.3
3
30
2
1
0.5
0.2
0.1
010
20
30
40
50
10000
300
1000
100
30
10
5
3
10
V
= 0
f = 1 MHz
GE
Cies
Coes
Cres
1
3000
–25°C
Tc = 75°C
25°C
V
= 15 V
Pulse Test
GE
10 A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com