Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0196 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0196
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0196 Datasheet HTML 1Page - STMicroelectronics STV0196 Datasheet HTML 2Page - STMicroelectronics STV0196 Datasheet HTML 3Page - STMicroelectronics STV0196 Datasheet HTML 4Page - STMicroelectronics STV0196 Datasheet HTML 5Page - STMicroelectronics STV0196 Datasheet HTML 6Page - STMicroelectronics STV0196 Datasheet HTML 7Page - STMicroelectronics STV0196 Datasheet HTML 8Page - STMicroelectronics STV0196 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
STV0196B
QPSK/BPSK DEMODULATOR AND FEC IC
September 1996
PQFP64
(Plastic Package)
ORDER CODE : STV0196B
FRONT-END INTERFACE
.
I AND Q 6 BITS DIGITAL INPUTS AT 2Fs
.
QPSK DEMODULATION (Two Modes : A and B)
.
INPUT SYMBOL FREQUENCY (Fs)
UP TO
30MSYMBOLS/S
.
DIGITAL NYQUIST ROOT FILTER :
ROLL-OFF VALUE OF 0.35 IN MODE A
.
DIGITAL CARRIER LOOP :
- ON-CHIP DEROTATOR AND TRACKING
LOOP
- CARRIER OFFSET INDICATOR
- LOCK DETECTOR
- C/N INDICATOR FOR DISH POSITIONING
.
DIGITAL TIMING RECOVERY :
- INTERNAL TIMING ERROR EVALUATION
AND FILTER
- OUTPUT CONTROL SIGNAL FOR A 2Fs
EXTERNAL VCO OR VCXO
.
DIGITAL AGC :
- INTERNAL SIGNAL POWER ESTIMATION
AND FILTER
- OUTPUT CONTROL SIGNAL FOR AGC
(1 BIT PULSE DENSITY MODULATION)
FORWARD ERROR CORRECTION
.
INNER DECODER :
- VITERBI SOFT DECODER FOR CONVOLU-
TIONAL CODES, CONSTRAINT LENGTH
M = 7, RATE 1/2
- PUNCTURED CODES 1/2, 2/3, 3/4, 5/6 AND
7/8 IN MODE A
- AUTOMATIC OR MANUAL RATE AND
PHASE RECOGNITION
.
DEINTERLEAVER :
- WORD SYNCHRO EXTRACTION
- CONVOLUTIVE DEINTERLEAVER
.
OUTER DECODER :
- IN MODE A : REED-SOLOMON DECODER
FOR 16 PARITY BYTES ; CORRECTION OF
UP TO 8 BYTE ERRORS
- BLOCK LENGTHS : 204 IN MODE A
- ENERGY DISPERSAL DESCRAMBLER
CONTROL
.
I
2C SERIAL BUS
DESCRIPTION
Designed for the fast growing direct broadcast
satellite
(DBS) digital TV receiver market,
the SGS-THOMSON STV0196B Digital Satellite
Receiver Front-end integrates all the functions
needed to demodulate incoming digital satellite TV
signals from the tuner : Nyquist filters, QPSK/BPSK
demodulator, signal power estimator, automatic
gain control, Viterbi decoder, deinterleaver, Reed-
Solomon decoder and energy dispersal descram-
bler. This high level of integration greatly reduces
the package count and cost of a set top box. The
demodulator blocks are suitable for a wide range
of symbol rates while the advanced error correction
functions guarantee a low error rate even with small
receiver antennas or low power transmitters.
The STV0196B has multistandard capability.
It is fully compliant with the recently defined Digital
Video Broadcasting (DVB) standard (already
adopted by satellite TV operators in the USA,
Europe and Asia) and also compatible with the
main consumer digital satellite TV standards in use.
1/23


Similar Part No. - STV0196

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May-1996
More results

Similar Description - STV0196

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
QPSK/BPSK DIGITAL DEMODULATOR
logo
STMicroelectronics
STV0299B STMICROELECTRONICS-STV0299B Datasheet
242Kb / 36P
QPSK/BPSK LINK IC
May-2000
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
NICAM QPSK DEMODULATOR
Oct-1993
logo
Sony Corporation
CXD1961AQ SONY-CXD1961AQ Datasheet
294Kb / 33P
DVB-S Frontend IC (QPSK demodulation FEC)
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
Digital QPSK Demodulator
1998 02
logo
Siemens Semiconductor G...
SDA6310 SIEMENS-SDA6310 Datasheet
568Kb / 19P
DSR QPSK-Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
CX24130 CONEXANT-CX24130 Datasheet
209Kb / 2P
Dual Stream QPSK/BPSK Demodulator lC
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com