Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6411 Datasheet(PDF) 35 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 31Page - STMicroelectronics VV6411 Datasheet HTML 32Page - STMicroelectronics VV6411 Datasheet HTML 33Page - STMicroelectronics VV6411 Datasheet HTML 34Page - STMicroelectronics VV6411 Datasheet HTML 35Page - STMicroelectronics VV6411 Datasheet HTML 36Page - STMicroelectronics VV6411 Datasheet HTML 37Page - STMicroelectronics VV6411 Datasheet HTML 38Page - STMicroelectronics VV6411 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Version 3.4
35/63
STV0680B+ VV6410/6411/6500
STV0680 Camera System Defect Specification
7
STV0680 Camera System Defect Specification
Note:
The information in this chapter is subject to change without notice. Contact ST for precise details
and information on correct driver versions.
7.1
General
ST CMOS Sensors can contain defects as part of their standard sales specification. The sensor
defect specification, if required, can be found in the appropriate sensor datasheet, however this
specification is not the same as the camera system defect specification.
When an ST CMOS Sensor is used in a STV0680B camera system, a defect correction algorithm in
the camera system will correct the sensor defects so that in the vast majority of cases the user
should not see defects in the final colour image generated by the PC/Mac driver. This chapter
clarifies the defect specification for the overall camera system.
7.2
Defect specification
When using the specified Camera System, under the specified Test Conditions:
1
No Major Visible defects are allowed in the Final Colour Image from a CIF camera (VV6410/
6411/6444) or VGA Camera (using VV6500 shipped by ST until end of Q1 2001), except under
certain limitations given in
Section 7.2.1 and Section 7.3.7.
2
No Major Visible defects are allowed in the "Inner area" (within the central 242 x 322 pixels) of
the Final Colour Image from a VGA camera (VV6500 shipped by ST after start of Q2 2001),
except under certain limitations given in
Section 7.2.1 and Section 7.3.7.
3
Some Minor Visible defects are allowed in the "Outer area" (outside the central 242 x 322
pixels) of the Final Colour Image from a VGA camera (VV6500 shipped by ST after start of Q2
2001), but no Major Visible Defects are allowed in the "Outer area", except under certain
limitations given in
Section 7.2.1 and Section 7.3.7.
7.2.1
Appearance of defects under other conditions
During normal camera use (e.g. lensed camera used in a “real situation”), it is possible that defects
may be visible under certain conditions:
q
At the sharp edge of certain light/dark transitions
7.3
Definition of the "Camera System"
All of the following conditions must be met for the defect specification to be applicable to the
"Camera System".
Note that the EVK units STV-DCA/CIF-E01 or -E04 and STV-VGA/VGA-E01 or -E04 both conform
to these conditions, hence have the same defect specification as detailed in
Section 7.2.
7.3.1
CMOS Imaging Sensor
The defect specification applies to the Camera System if any of the following sensors are used.
q
VV6444-C001
q
VV6410-C036
q
VV6411-C036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com