Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6411 Datasheet(PDF) 61 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 55Page - STMicroelectronics VV6411 Datasheet HTML 56Page - STMicroelectronics VV6411 Datasheet HTML 57Page - STMicroelectronics VV6411 Datasheet HTML 58Page - STMicroelectronics VV6411 Datasheet HTML 59Page - STMicroelectronics VV6411 Datasheet HTML 60Page - STMicroelectronics VV6411 Datasheet HTML 61Page - STMicroelectronics VV6411 Datasheet HTML 62Page - STMicroelectronics VV6411 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
Version 3.4
61/63
STV0680B + VV6410/6411/6500
Evaluation Kit and Reference design manual
12
Evaluation Kit and Reference design manual
STMicroelectronics recommends using the Evaluation Kit for initial evaluation and design-in.
Both evaluation kits (STV-DCA/CIF-E04 and STV-DCA/VGA-E04) now include audio record and
playback circuitry as well as flashgun interface circuitry and a flashgun hotshoe connector (to allow
the OEM to use a standard camera flashgun), allowing the new features as well as the existing fea-
tures to be demonstrated.
Also included are a STV0680B + CMOS sensor chipset, memory, lens, connectors, LCD, battery
holder, push buttons/switches, and other components as detailed. Optional PCB links enable alter-
nate functionality, and demonstration software is included, allowing for tethered video, upload to the
PC of pictures, sounds, and AVI movie clips, and download to the camera of custom sounds.
A reference design manual is available, giving the camera designer everything required to design a
complete camera with standard features. It includes schematics, explanatory notes, parts list and
layout advice. Audio and flashgun hardware are the subject of separate applications notes, contact
ST for details.
12.1
Ordering details
Description
Part number
36pin LCC, CIF CMOS sensor
VV6410C036
VV6411C036
48pin LCC, VGA CMOS sensor
VV6500C001
Standard features
STV0680B companion processor
STV0680B-001
Evaluation Kit for STV0680B+VV6410
STV-DCA/CIF-E01
Evaluation Kit for STV0680B+VV6500
STV-DCA/VGA-E01
“Standard” + “New” features: Including Audio, Custom sounds, and Flashgun
STV0680B companion processor
STV0680B-003
Evaluation Kit for STV0680B+VV6410
STV-DCA/CIF-E04
Evaluation Kit for STV0680B+VV6500
STV-DCA/VGA-E04
Table 23 : Ordering details for the STV0680B + VV6410/6411/6500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com