Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6411 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 6Page - STMicroelectronics VV6411 Datasheet HTML 7Page - STMicroelectronics VV6411 Datasheet HTML 8Page - STMicroelectronics VV6411 Datasheet HTML 9Page - STMicroelectronics VV6411 Datasheet HTML 10Page - STMicroelectronics VV6411 Datasheet HTML 11Page - STMicroelectronics VV6411 Datasheet HTML 12Page - STMicroelectronics VV6411 Datasheet HTML 13Page - STMicroelectronics VV6411 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Detailed Features
STV0681
10/44
ADCS 7283313C
2.1.1
IR filter
For IR filter design, the best choice filter follows the GS0034 dielectric stack filter specification
available from STMicroelectronics. An alternative, although not optimal filter, would be Schott
S8612 doped glass also sold as CM500.
2.2
User interface
The user interface supported by STV0681 comprises of user controls, buzzer sounds or customized
sounds and visual displays.
2.2.1
Push buttons
The following are the functions which are supported by the chipset. These functions are achievable
with no more than 2 push buttons.
1
Mode button (wake-up/switch between modes)
This button allows the user (1.1) to wake the camera up from standby mode when the camera
is to be used for taking pictures, or (1.2) to switch between modes of operation shown in
Chapter 3.
2
Shutter button (shutter/confirm action)
This button allows the user to take a picture or confirm an action, as shown in
Chapter 3
The modes of operation are described in
Chapter 3.
It may also be desirable to include an on-off slider switch. The advantages and disadvantages as
well as its exact function are discussed in the reference design available from STMicroelectronics.
When a flashgun module is included in the camera, it is necessary to include a flash on/flash off
push button or slider switch depending on the exact flashgun module design. Possible
implementations are discussed in a separate application note AN1312 available from
STMicroelectronics.
2.2.2
LED indicator
The LED indicator displays the camera status when not in Standby/PC suspend mode.
2.2.3
Picture counter using 2 x 7 segment display
STV0681 stores a picture counter value indicating how many images can still be captured.
STV0681 supports a 2x7 segment LCD panel. In ‘Snapshot’ mode and continuous capture mode,
this LCD panel displays the number of pictures still available. This is useful to identify when the user
is approaching the maximum number of images which can be stored (see
Table 1). The user can
clear the images stored in memory and continue taking pictures. In other modes, this LCD panel
displays a 2-character code that helps the user to navigate around the modes.
Note:
A CIF camera with STV0681 and 64Mbit SDRAM can store up to 320 images by using QCIF mode.
When more than 99 images are still available, the LCD display remains at 99. When the number of
available images is inferior to 99, the LCD display shows how many images are available like in all
other modes.
For suitable numeric LCD panel types, see
Section 4.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com