Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6411 Datasheet(PDF) 42 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 36Page - STMicroelectronics VV6411 Datasheet HTML 37Page - STMicroelectronics VV6411 Datasheet HTML 38Page - STMicroelectronics VV6411 Datasheet HTML 39Page - STMicroelectronics VV6411 Datasheet HTML 40Page - STMicroelectronics VV6411 Datasheet HTML 41Page - STMicroelectronics VV6411 Datasheet HTML 42Page - STMicroelectronics VV6411 Datasheet HTML 43Page - STMicroelectronics VV6411 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Evaluation Kit (EVK)
STV0681
42/44
ADCS 7283313C
10
Evaluation Kit (EVK)
STMicroelectronics can supply an Evaluation Kit for initial evaluation and design-in.
The EVK includes an STV0681 Motherboard PCB and two lensed sensor daughter boards (CIF and
VGA). Additional motherboards and daughter boards may be ordered separately. The EVK PCB
includes SDRAM memory, connectors, numeric LCD display, battery holder, push buttons/switches,
audio record and playback circuitry, flashgun interface circuitry, and a flashgun hotshoe connector
(for use of a standard camera flashgun). Optional PCB links enable alternate functionality, and
demonstration software is included, allowing for tethered video, upload to the PC of pictures,
sounds, and AVI movie clips, and download to the camera of custom sounds.
A reference design manual, giving the camera designer everything required for standard features
and audio record/playback is available, including schematics, explanatory notes, parts list, and
layout advice.
10.1
Ordering details
Note:
All Evaluation Kits include hardware and software support for Audio, Custom sounds, and Flashgun
features.
Table 16: Ordering details for STV0681 + VV6411/6501 Evaluation Kits
Description
Part number
STV0681 companion processor
STV0681
VV6411 CIF color CMOS sensor (36LCC package)
VV6411C036
VV6501 VGA color CMOS sensor (36LCC package)
VV6501C001
Complete Evaluation Kit
STV0681 complete Evaluation Kit
(includes STV-681-M01, STV-6411C-D01 and STV6501C-D01)
STV-681-E01
Additional EVK Components
Evaluation Kit Motherboard
STV-681-M01
Sensor Daughter Board with VV6411
STV-6411C-D01
Sensor Daughter Board with VV6501
STV-6501C-D01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com