Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC157AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC157AFPEL
Description  Quad 2-Input Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC157AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC157AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC157AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC157AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC157AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC157AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC157AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC157AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC157AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Jul.16.2004, page 1 of 7
HD74AC157
Quad 2-Input Multiplexer
REJ03D0252–0200Z
(Previous ADE-205-371 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC157 is a high-speed quad 2-input multiplexer. Four bits of data from two sources can be selected using
the common Select and Enable inputs. The four outputs present the selected data in the true (noninverted) form. The
HD74AC157 can also be used as a function generator.
Features
• Outputs Source/Sink 24 mA
• Ordering Information
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC157AFPEL SOP-16 pin (JEITA)
FP-16DAV
FP
EL (2,000 pcs/reel)
HD74AC157ARPEL SOP-16 pin (JEDEC) FP-16DNV
RP
EL (2,500 pcs/reel)
HD74AC157TELL
TSSOP-16 pin
TTP-16DAV
T
ELL(2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
I0a
I1a
Za
I0b
Zb
I1b
GND
VCC
E
I0c
I1c
Zc
I0d
I1d
Zd
(Top view)


Similar Part No. - HD74AC157AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
More results

Similar Description - HD74AC157AFPEL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com