Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64894GP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M64894GP
Description  Serial Input PLL Frequency Synthesizer for TV/VCR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64894GP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M64894GP Datasheet HTML 1Page - Renesas Technology Corp M64894GP Datasheet HTML 2Page - Renesas Technology Corp M64894GP Datasheet HTML 3Page - Renesas Technology Corp M64894GP Datasheet HTML 4Page - Renesas Technology Corp M64894GP Datasheet HTML 5Page - Renesas Technology Corp M64894GP Datasheet HTML 6Page - Renesas Technology Corp M64894GP Datasheet HTML 7Page - Renesas Technology Corp M64894GP Datasheet HTML 8Page - Renesas Technology Corp M64894GP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
M64894FP/GP
Rev.2.00 Jun 14, 2006 page 4 of 12
Absolute Maximum Ratings
(Ta
= −20°C to +75°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Condition
Supply voltage 1
VCC1
6.0
V
Pin3
Supply voltage 2
VCC2
14.4
V
Pin4
Supply voltage 3
VCC3
36.0
V
Pin11
Input voltage
VI
6.0
V
Not to exceed VCC1
Output voltage
VO
6.0
V
fREF output
Voltage applied when the band
output is OFF
VBSOFF
14.4
V
Band output current
IBSON
50.0
mA
Per 1 band output circuit
ON the time when the band output
is ON
tBSON
10
s
50mA per 1 band output
circuit
3circuit are pn at same time
Power dissipation
Pd
450 (470)
mW
Ta
= +75°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Recommended Operation Conditions
(Ta
= −20°C to +75°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage 1
VCC1
4.5 to 5.5
V
Pin3
Supply voltage 2
VCC2
VCC1 to 13.2
V
Pin4
Supply voltage 3
VCC3
28 to 35
V
Pin11
Operating frequency (1)
fopr1
4.0
MHz
Crystal oscillation circuit
Operating frequency (2)
fopr2
80 to 1,300
MHz
Band output current 5 to 8
IBDL
0 to 40
mA
Normally 1 circuit is on. 2 circuits on at the
same time are max. It is prohibited to have 3
or more circuits turned on at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com