Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64894GP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M64894GP
Description  Serial Input PLL Frequency Synthesizer for TV/VCR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64894GP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M64894GP Datasheet HTML 4Page - Renesas Technology Corp M64894GP Datasheet HTML 5Page - Renesas Technology Corp M64894GP Datasheet HTML 6Page - Renesas Technology Corp M64894GP Datasheet HTML 7Page - Renesas Technology Corp M64894GP Datasheet HTML 8Page - Renesas Technology Corp M64894GP Datasheet HTML 9Page - Renesas Technology Corp M64894GP Datasheet HTML 10Page - Renesas Technology Corp M64894GP Datasheet HTML 11Page - Renesas Technology Corp M64894GP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
M64894FP/GP
Rev.2.00 Jun 14, 2006 page 8 of 12
Data Cording Example
Write Mode Format Example
Byte
MSB
LSB
Condition in Data Setting
Address Byte
1
1
0
0
0
1
1
0
1
ADS input VCC1
Divider byte 1
0
1
0
0
0
0
0
0
1
Divider byte 2
1
0
1
0
0
0
0
0
1
Dividing ratio N
= 16544
Control byte 1
1
1
0
0
0
0
1
0
1
C.P.current 270
µA
fREF division ratio 1/1024
Band SW byte
0
0
0
0
1
0
0
0
1
BS4 output ON
Note:
fVCO
= N 8 fREF = 16544 8 (4MHz/1024) = 517MHz
Read Mode Format Example
Byte
MSB
LSB
Condition in Data Setting
Address byte
1
1
0
0
0
1
1
1
1
Status byte 1 input
1
1
1
1
1
1
1
1
1
Status byte 1 output
0
1
1
1
1
0
1
1
1
FL “1” output at locked ADC
input at open
Test Mode Data Set Up Method
Test Mode Bit Set Up
X
: Random, 0 or 1. normal “0”
MA1, MA0
: Programmable address bit
Address Input Voltage
MA1
MA0
0 to 0.1
± VCC1
0
0
Always valid
0
1
0.4
± VCC1 to 0.6*VCC1
1
0
0.9
± VCC1 to VCC1
1
1
Note:
N14 to N0: How to set dividing ratio of the programmable the divider
Dividing ratio N
= N14 (2
14 = 16384)
+ +N0 (20 = 1)
Therefore, the range of division N is 1,024 to 32,768
Example) fVCO
= f
REF
• 8 • N
= 3.90625
• 8 • N
= 31.25
• N (kHz)
CP: Setting Up The Charge Pump Current of The Phase Comparator
CP
Charge pump current
Mode
0
70
µA
Test
1
270
µA
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com