Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG2001VF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 5 Page - Renesas Technology Corp

  HSG2001VF Datasheet HTML 1Page - Renesas Technology Corp HSG2001VF Datasheet HTML 2Page - Renesas Technology Corp HSG2001VF Datasheet HTML 3Page - Renesas Technology Corp HSG2001VF Datasheet HTML 4Page - Renesas Technology Corp HSG2001VF Datasheet HTML 5Page - Renesas Technology Corp HSG2001VF Datasheet HTML 6Page - Renesas Technology Corp HSG2001VF Datasheet HTML 7Page - Renesas Technology Corp HSG2001VF Datasheet HTML 8Page - Renesas Technology Corp HSG2001VF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 5 of 24
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
0°
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 12 / div.
Scale: 0.03 / div.
0°
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
Condition: VCE = 3 V, IC = 40 mA, ZO = 50
Ω
100 to 1000 MHz (100 MHz Step)
1000 to 4000 MHz (200 MHz Step)
Condition: VCE = 3 V, IC = 40 mA, ZO = 50
Ω
100 to 1000 MHz (100 MHz Step)
1000 to 4000 MHz (200 MHz Step)
Condition: VCE = 3 V, IC = 40 mA, ZO = 50
Ω
100 to 1000 MHz (100 MHz Step)
1000 to 4000 MHz (200 MHz Step)
Condition: VCE = 3 V, IC = 40 mA, ZO = 50
Ω
100 to 1000 MHz (100 MHz Step)
1000 to 4000 MHz (200 MHz Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com