Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG2001VF Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HSG2001VF Datasheet HTML 17Page - Renesas Technology Corp HSG2001VF Datasheet HTML 18Page - Renesas Technology Corp HSG2001VF Datasheet HTML 19Page - Renesas Technology Corp HSG2001VF Datasheet HTML 20Page - Renesas Technology Corp HSG2001VF Datasheet HTML 21Page - Renesas Technology Corp HSG2001VF Datasheet HTML 22Page - Renesas Technology Corp HSG2001VF Datasheet HTML 23Page - Renesas Technology Corp HSG2001VF Datasheet HTML 24Page - Renesas Technology Corp HSG2001VF Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 23 of 24
S parameter
(VCE = 4 V, IC = 40 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.549
-97.4
58.13
134.8
0.0162
71.1
0.700
-61.8
200
0.625
-133.5
37.78
113.4
0.0207
43.2
0.526
-96.1
300
0.644
-150.6
26.64
102.6
0.0247
44.4
0.449
-117.2
400
0.656
-160.4
20.28
95.8
0.0279
44.8
0.414
-131.4
500
0.663
-167.1
16.26
91.0
0.0307
46.1
0.396
-141.7
600
0.666
-172.4
13.48
87.4
0.0341
49.6
0.387
-149.8
700
0.669
-176.7
11.49
84.3
0.0365
50.6
0.380
-156.1
800
0.672
179.7
10.00
81.7
0.0405
51.1
0.379
-161.2
900
0.673
176.7
8.84
79.4
0.0436
52.2
0.378
-165.6
1000
0.677
173.8
7.93
77.4
0.0466
51.3
0.376
-169.6
1100
0.679
171.1
7.17
75.4
0.0513
52.4
0.377
-173.1
1200
0.682
168.6
6.55
73.5
0.0544
52.8
0.377
-176.3
1300
0.683
166.4
6.02
71.6
0.0572
53.2
0.379
-179.1
1400
0.686
164.2
5.58
69.9
0.0605
52.3
0.380
178.2
1500
0.688
162.1
5.19
68.2
0.0644
52.4
0.382
175.8
1600
0.691
160.0
4.86
66.5
0.0675
52.2
0.384
173.5
1700
0.694
158.1
4.56
64.9
0.0706
52.0
0.386
171.5
1800
0.697
156.3
4.30
63.2
0.0737
51.2
0.388
169.5
1900
0.699
154.5
4.06
61.6
0.0772
50.8
0.391
167.5
2000
0.702
152.7
3.85
60.0
0.0809
50.2
0.393
165.5
2100
0.705
150.8
3.66
58.4
0.0838
49.9
0.396
163.8
2200
0.708
149.3
3.48
56.9
0.0877
48.7
0.400
162.0
2300
0.712
147.6
3.33
55.4
0.0894
48.0
0.403
160.7
2400
0.713
146.1
3.18
53.7
0.0927
48.0
0.405
159.1
2500
0.716
144.5
3.04
52.3
0.0966
46.5
0.409
157.8
2600
0.720
142.9
2.93
50.7
0.0982
46.1
0.412
156.1
2700
0.724
141.5
2.81
49.2
0.1020
45.3
0.414
154.6
2800
0.728
139.9
2.71
47.7
0.1056
44.3
0.418
153.1
2900
0.730
138.5
2.60
46.2
0.1069
42.9
0.423
151.6
3000
0.731
137.1
2.51
44.8
0.1106
43.0
0.426
150.4
3100
0.736
135.6
2.43
43.3
0.1129
42.0
0.429
149.3
3200
0.738
134.3
2.35
41.8
0.1162
41.1
0.434
148.0
3300
0.741
133.0
2.27
40.4
0.1182
40.2
0.437
146.7
3400
0.745
131.5
2.20
38.9
0.1208
39.6
0.439
145.3
3500
0.747
130.2
2.13
37.6
0.1223
38.6
0.441
143.9
3600
0.748
128.8
2.06
36.0
0.1250
38.0
0.446
142.5
3700
0.750
127.8
2.00
34.8
0.1282
37.5
0.448
141.3
3800
0.750
126.5
1.94
33.6
0.1313
36.9
0.451
140.3
3900
0.754
125.4
1.89
32.2
0.1338
35.9
0.454
139.4
4000
0.756
124.3
1.84
30.8
0.1364
35.0
0.458
138.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com