Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6886 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV6886
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6886 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV6886 Datasheet HTML 23Page - STMicroelectronics STV6886 Datasheet HTML 24Page - STMicroelectronics STV6886 Datasheet HTML 25Page - STMicroelectronics STV6886 Datasheet HTML 26Page - STMicroelectronics STV6886 Datasheet HTML 27Page - STMicroelectronics STV6886 Datasheet HTML 28Page - STMicroelectronics STV6886 Datasheet HTML 29Page - STMicroelectronics STV6886 Datasheet HTML 30Page - STMicroelectronics STV6886 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
STV6886
27/43
2.4 Output Section
The H-drive signal is sent to the output through a
shaping stage which also controls the H-drive duty
cycle (I2C adjustable) (see Figure 11). In order to
secure the scanning power part operation, the out-
put is inhibited in the following cases:
– when VCC or VDD are too low
– when the XRAY protection is activated
– during the Horizontal flyback
– when the HDrive I
2C bit control is off.
The output stage consists of a NPN bipolar tran-
sistor. Only the collector is accessible (see
Figure 13).
Figure 13.
This output stage is intended for “reverse” base
control, where setting the output NPN in off-state
will control the power scanning transistor in off-
state.
The maximum output current is 30mA, and the
corresponding voltage drop of the output VCEsat is
0.4V Max.
Obviously the power scanning transistor cannot be
directly driven by the integrated circuit. An inter-
face has to be added between the circuit and the
power transistor either of bipolar or MOS type.
2.5 X-RAY Protection
The X-Ray protection is activated by application of
a high level on the X-Ray input (more than 8.2V on
Pin 25). It inhibits the H-Drive and B+ outputs.
This activation is internally delayed by 2 lines to
avoid erratic detection when short parasitics are
present .
This protection is latched; it may be reset either by
VCC switch-off or by I
2C (see Figure 14 on
page 28).
2.6 Horizontal and Vertical Dynamic Focus
For dynamic focus adjustment, the STV6886 deliv-
ers the sum of two signals on pin 10:
– a parabolic waveform at horizontal frequency,
– a parabolic waveform at vertical frequency.
The horizontal parabola comes from a sawtooth in
phase advance with flyback pulse middle. The
phase advance versus horizontal flyback middle is
kept constant versus frequency (about 1
µs). Sym-
metry and amplitude are I2C adjustable (see
Figure 15 on page 28).
The vertical parabola is tracked with VPOS and
VAMP. Its amplitude can be adjusted. It is also af-
fected by S and C corrections.
This positive signal once amplified is to be sent to
the CRT focusing grids.
Because the DC/DC converter is triggered by the
HFocus sawtooth, it is recommended to connect a
capacitor to pin 9, even if HFocus is not needed.
The capacitor value is critical only if Focus is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com