Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4407N-2 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4407N-2
Description  Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4407N-2 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4407N-2 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SCD4404N Rev D 12/19/07
Aeroflex Plainview
RX DATA IN
TX DATA OUT
RX DATA IN
R
R
Zo
Zo
Data
Bus
Wire
B
B'
A
A'
1 : N
Isolation
Transformer
Terminal
1 : 1.414
Coupling
Transformer
Isolation
Resistors
R = 0.75 ZO
Pair
TX DATA OUT
Terminal Input Impedance B – B'
MIL-STD-1553B para 4.5.2.1.2.3
1K
Ω minimum. 75KHz – 1MHz
TRANSCEIVER
UNDER TEST
FIGURE 3 – DATABUS INTERFACE USING TRANSFORMER COUPLING
RX DATA IN
TX DATA OUT
RX DATA IN
55
Ω
55
Ω
Zo
Zo
Data
Bus
Wire
B
B'
A
A'
1 : N
Isolation
Transformer
Pair
TX DATA OUT
Terminal Input Impedance B – B'
MIL-STD-1553B para 4.5.2.2.2.3
2K
Ω minimum. 75KHz – 1MHz
TRANSCEIVER
UNDER TEST
FIGURE 4 – DATABUS INTERFACE USING DIRECT COUPLING
Terminal
Transformer turns ratio:
N = 1
Recommend Technitrol 1553-1
Transformer turns ratio:
N = 0.707
Recommend Technitrol 1553-1
RX DATA OUT
RX DATA OUT
RX DATA OUT
RX DATA OUT
(FIGURE 9, MIL-STD-1553B)
(FIGURE 10, MIL-STD-1553B)
NC
RX
RX
R
RX
RX
NC
R
NOTE: External RX Threshold Wiring
EXT EXT
INT
INT
Shown – R < 10K Ohms.
NC
RX
RX
RX
RX
NC
EXT EXT
INT INT
NOTE: Internal RX Threshold
Wiring Shown



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com