Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4407N-2 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT4407N-2
Description  Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4407N-2 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  ACT4407N-2 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4407N-2 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SCD4404N Rev D 12/19/07
Aeroflex Plainview
FIGURE 5 – TRANSMITTER (TX) OUTPUT
FIGURE 7 – TYPICAL POWER DISSIPATION
WAVEFORM
vs. DUTY CYCLE
6.0VP-P MIN
8.5VP-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A’ in Figure 3
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
* Offset measured at point A-A’ in Figure 3
0 volts
Magnified View
FIGURE 6 – TRANSMITTER (TX) OUTPUT
OFFSET
0
10
20
30
40
50
60
70
80
90 100
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
DUTY CYCLE, PERCENT
3.6
4.0
PSC 3
PSC 1
PSC 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com