| Electronic Components Datasheet Search |
|
AD9958/PCBZ Datasheet(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9958/PCBZ Datasheet(HTML) 27 Page - Analog Devices |
|
27 / 44 page ![]() AD9958 Rev. A | Page 27 of 44 FTW0 SINGLE-TONE MODE LINEAR SWEEP MODE ENABLE—NO-DWELL BIT SET FTW1 AA A B BB fOUT TIME P2 = 1 P2 = 0 P2 = 0 P2 = 1 P2 = 1 P2 = 0 Figure 38. Linear Sweep Mode (No-Dwell Enabled) FTW0 SINGLE-TONE MODE LINEAR SWEEP MODE AT POINT A: LOAD RISING RAMP RATE REGISTER, APPLY RDW<31:0> AT POINT B: LOAD FALLING RAMP RATE REGISTER, APPLY FDW<31:0> P2 = 1 P2 = 0 P2 = 0 TIME FTW1 A B fOUT Figure 39. Linear Sweep Mode (No-Dwell Disabled) SWEEP AND PHASE ACCUMULATOR CLEARING FUNCTIONS The AD9958 allows two different clearing functions. The first is a continuous zeroing of the sweep logic and phase accumula- tor (clear and hold). The second is a clear and release or automatic zeroing function. CFR[4] is the autoclear sweep accumulator bit and CFR[2] is the autoclear phase accumulator bit. The continuous clear bits are located in CFR, where CFR[3] clears the sweep accumulator and CFR[1] clears the phase accumulator. Continuous Clear Bits The continuous clear bits are static control signals that, when active high, hold the respective accumulator at 0 while the bit is active. When the bit goes low, the respective accumulator is allowed to operate. Clear and Release Bits The autoclear sweep accumulator bit, when set, clears and releases the sweep accumulator upon an I/O update or a change in the profile input pins. The autoclear phase accumulator bit, when set, clears and releases the phase accumulator upon an I/O update or a change in the profile pins. The automatic clearing function is repeated for every subsequent I/O update or change in profile pins until the clear and release bits are reset via the serial port. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |