Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB502C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BB502C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB502C Datasheet(HTML) 5 Page - Renesas Technology Corp

  BB502C Datasheet HTML 1Page - Renesas Technology Corp BB502C Datasheet HTML 2Page - Renesas Technology Corp BB502C Datasheet HTML 3Page - Renesas Technology Corp BB502C Datasheet HTML 4Page - Renesas Technology Corp BB502C Datasheet HTML 5Page - Renesas Technology Corp BB502C Datasheet HTML 6Page - Renesas Technology Corp BB502C Datasheet HTML 7Page - Renesas Technology Corp BB502C Datasheet HTML 8Page - Renesas Technology Corp BB502C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BB502C
Rev.6.00 Apr 27, 2006 page 5 of 10
200
150
100
50
0
50
100
150
200
0
12
3
4
5
20
16
12
8
4
VG2S = 4 V
VG1 = VDS
20
16
12
8
4
0
12
3
4
5
20
16
12
8
4
0
12
34
5
VDS = 5 V
RG = 120 kΩ
VDS = 5 V
RG = 180 kΩ
Ambient Temperature Ta (
°C)
Maximum Channel Power
Dissipation Curve
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Drain Current vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
Drain Current vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
330
kΩ
270
kΩ
180
kΩ
220
kΩ
2 V
VG2S = 1 V
4 V
3 V
VG2S = 1 V
3 V
4 V
2 V
20
16
12
8
4
0
12
3
4
5
VDS = 5 V
RG = 270 kΩ
0
1
234
5
30
24
18
12
6
VDS = 5 V
RG = 120 kΩ
f = 1 kHz
Drain Current vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
Gate1 Voltage VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
2 V
VG2S = 1 V
4 V
3 V
4 V
2 V
3 V
VG2S = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com