Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB502C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # BB502C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB502C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button BB502C Datasheet HTML 3Page - Renesas Technology Corp BB502C Datasheet HTML 4Page - Renesas Technology Corp BB502C Datasheet HTML 5Page - Renesas Technology Corp BB502C Datasheet HTML 6Page - Renesas Technology Corp BB502C Datasheet HTML 7Page - Renesas Technology Corp BB502C Datasheet HTML 8Page - Renesas Technology Corp BB502C Datasheet HTML 9Page - Renesas Technology Corp BB502C Datasheet HTML 10Page - Renesas Technology Corp BB502C Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BB502C
Rev.6.00 Apr 27, 2006 page 9 of 10
S Parameter
(VDS = VG1 = 5V, VG2S = 4V, RG = 180k
Ω, Zo = 50Ω)
S11
S21
S12
S22
f(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
50
0.994
–2.8
2.52
176.2
0.00072
88.6
0.995
–2.2
100
0.994
–5.7
2.51
172.4
0.00161
80.9
0.998
–4.0
150
0.991
–9.2
2.50
168.1
0.00230
86.6
0.997
–6.2
200
0.985
–12.5
2.47
164.1
0.00297
78.0
0.996
–8.2
250
0.985
–15.5
2.46
160.0
0.00374
78.9
0.994
–10.2
300
0.975
–18.7
2.43
156.4
0.00436
80.6
0.992
–12.2
350
0.969
–22.0
2.40
152.3
0.00507
70.9
0.990
–14.2
400
0.962
–24.9
2.38
148.6
0.00557
77.3
0.989
–16.3
450
0.954
–27.7
2.35
144.6
0.00625
72.4
0.987
–18.5
500
0.945
–30.8
2.31
141.0
0.00663
70.0
0.984
–20.4
550
0.935
–33.8
2.28
136.7
0.00721
70.5
0.981
–22.4
600
0.925
–36.6
2.25
133.4
0.00747
68.4
0.978
–24.3
650
0.918
–39.5
2.21
130.3
0.00761
65.6
0.975
–26.4
700
0.909
–42.5
2.18
126.1
0.00807
65.6
0.972
–28.3
750
0.898
–45.0
2.14
122.9
0.00828
67.6
0.969
–30.2
800
0.887
–47.8
2.09
119.5
0.00801
65.1
0.965
–32.2
850
0.874
–50.6
2.07
116.0
0.00815
63.6
0.961
–34.2
900
0.862
–53.0
2.03
112.7
0.00832
65.1
0.958
–36.1
950
0.855
–55.5
1.99
109.4
0.00738
61.8
0.954
–37.9
1000
0.845
–58.1
1.95
108.1
0.00802
65.8
0.951
–39.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com