Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16129AFPJ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HA16129AFPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129AFPJ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HA16129AFPJ Datasheet HTML 10Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 11Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 12Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 13Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 14Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 15Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 16Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 17Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
HA16129AFPJ
Rev.1.00 Jun 15, 2005 page 14 of 22
Electrical Characteristics (cont.)
(Ta = 25
°C, VCC = 12V, Vout = 5.0V, Rf = RR = 180kΩ, Cf = 3300pF, CR = 0.1µF, RT = 390kΩ, CRES = 1500pF,
RCS = 0.2
Ω)
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
High level
VOHR
Vout – 0.2
Vout
Vout + 0.2
V
IOHR = 0mA
Low level
VOLR
–
–
0.4
V
IOLR = 2.0mA
RES
output
block
Function start voltage
VSTR
–
0.7
1.4
V
High level
VOHE
Vout
− 0.2
Vout
Vout + 0.2
V
IOHE = 0mA
Low level
VOLE
–
–
0.4
V
IOLE = 2.0mA
OUTE
output
block
Function start voltage
VSTE
–
0.7
1.4
V
Power on time
ton
25
40
60
ms
Clock off time
toff
80
130
190
ms
Reset pulse high time
tRH
40
60
90
ms
RES
function
Reset pulse low time
tRL
15
20
30
ms
Detection
voltage 1
VNMI1
4.5
4.63
4.75
V
Hysteresis 1
VHYSN1
–
50
100
mV
NMI
function
(Vout
detection)
Temperature
coefficient
| δVNMI/δT |
–
100
(400)
ppm/
°C
Detection
voltage 2
VNMI2
5.0
5.4
5.7
V
R1 = 13k
Ω,
R2 = 390k
Ω
NMI
function
(VCC
detection)
Hysteresis 2
VHYSN2
0.5
0.8
1.3
V
R1 = 13k
Ω,
R2 = 390k
Ω
Detection
voltage
VSTBY
2.70
3.00
3.30
V
Hysteresis
VHYSS
1.20
1.35
1.50
V
LVI
function
STBY
function
Temperature
coefficient
| δVSTBY/δT |
–
100
(400)
ppm/
°C
Disable time
tRES
(100)
200
(300)
µs
RES
delay time
Recovery time
tr
(100)
200
(300)
µs
Note:
Values in parentheses are design reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com