Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16129AFPJ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HA16129AFPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129AFPJ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HA16129AFPJ Datasheet HTML 14Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 15Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 16Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 17Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 18Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 19Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 20Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 21Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
HA16129AFPJ
Rev.1.00 Jun 15, 2005 page 18 of 22
1000
500
50
10
Clock Off Time (toff) vs. RR Resistance Characteristics
100
Ta = 25
°C, Rf = 180kΩ, Cf = 3300pF,
CRES = 1500pF, RT = 390kΩ
1000
100
10
1
10
Reset Pulse High Time (tRH) vs. RR Resistance Characteristics
100
500
1000
RR Resistance (kΩ)
50
Ta = 25
°C, Rf = 180kΩ, Cf = 3300pF,
RT = 390kΩ, CRES = 1500pF
5
500
50
CR = 0.47µF
CR = 0.1µF
CR = 0.033µF
10
100
500
1000
RR Resistance (kΩ)
50
CR = 0.033µF
CR = 0.1µF
CR = 0.47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com