Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37210M3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37210M3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37210M3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37210M3 Datasheet HTML 1Page - Renesas Technology Corp M37210M3 Datasheet HTML 2Page - Renesas Technology Corp M37210M3 Datasheet HTML 3Page - Renesas Technology Corp M37210M3 Datasheet HTML 4Page - Renesas Technology Corp M37210M3 Datasheet HTML 5Page - Renesas Technology Corp M37210M3 Datasheet HTML 6Page - Renesas Technology Corp M37210M3 Datasheet HTML 7Page - Renesas Technology Corp M37210M3 Datasheet HTML 8Page - Renesas Technology Corp M37210M3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
26
27
25
28
24
29
23
30
22
31
21
32
20
33
19
34
18
35
17
36
16
37
15
38
14
39
13
40
12
41
11
42
10
43
9
44
8
45
7
46
6
47
5
48
4
49
3
50
2
51
1
52
→
→
←
←
←
←
↔
↔
↔
↔
→
↔
↔
←
→
→
→
→
↔
↔
↔
↔
→
→
←
→
→
→
→
↔
↔
↔
↔
↔
↔
↔
↔
↔
↔
↔
↔
↔
←
←
←
↔
↔
←
←
→
PIN CONFIGURATION (TOP VIEW)
P52/R
P53/G
P54/B
P55/OUT
P20
P21
P22
P23
P04
P05
P06
P07
P10
P11
P12
P13
P14
P15/A-D1
P16/A-D2
P17/A-D3
P30
P31
RESET
OSC1
OSC2
VCC
Outline 52P4B
DESCRIPTION
The M37210M3-XXXSP/FP is a single-chip microcomputer designed
with CMOS silicon gate technology. It is housed in a 52-pin shrink
plastic molded DIP or a 64-pin plastic molded QFP. This single-chip
microcomputer is useful for the channel selection system for TVs
because it provides PWM function, OSD display function and so on.
In addition to their simple instruction sets, the ROM, RAM, and I/O
addresses are placed on the same memory map to enable easy pro-
gramming.
The features of the M37210E4-XXXSP/FP and the M37210E4SP/FP
are similar to those of the M37210M4-XXXSP except that these
chips have a built-in PROM which can be written electrically.
The differences between the M37210M3-XXXSP/FP, the M37210
M4-XXXSP, and the M37211M2-XXXSP are the ROM size, the RAM
size, and the PWM outputs as shown below. Accordingly, the follow-
ing descriptions will be for the M37210M3-XXXSP/FP unless other-
wise noted.
Note : After the reset, set the stack page selection bit which is set “1”
to “0” because the internal RAM of the M37211M2-XXXSP is
in only the zero page.
FEATURES
• Number of basic instructions .....................................................69
• Memory size ROM ................ 12 K bytes (M37210M3-XXXSP/FP)
16 K bytes (M37210M4-XXXSP)
8 K bytes (M37211M2-XXXSP)
RAM ................. 256 bytes (M37210M3-XXXSP/FP)
320 bytes (M37210M4-XXXSP)
192 bytes (M37211M2-XXXSP)
ROM for display......................................... 3 K bytes
RAM for display .......................................... 72 bytes
• The minimum instruction execution time
........................................... 0.5
µs (at 8MHz oscillation frequency)
• Power source voltage ..................................................... 5V ± 10%
• Power dissipation .............................................................. 110mW
(at 4MHz oscillation frequency, VCC = 5.5V, at CRT display)
• Subroutine nesting ............................................... 96 levels (Max.)
• Interrupts ....................................................... 12 types, 12 vectors
• 8-bit timers .................................................................................. 4
• Programmable I/O ports
(Ports P0, P1, P2, P3, P4) ......................................................... 25
• Output ports (ports P5, P6) ..........................................................8
• Output ports (ports P52, P56) .....................................................12
• 12 V withstand ports ....................................................................4
• Serial I/O ............................................................ 8-bit ! 1 channel
• PWM output circuit ............... (14-bit ! 1, 6-bit ! 8) ... M37210M3
M37210M4
(14-bit ! 1, 6-bit ! 6) .... M37211M2
Type name
M37210M3-XXXSP/FP
M37210M4-XXXSP
M37211M2-XXXSP
ROM size
12 K bytes
16 K bytes
8 K bytes
RAM size
256 bytes
320 bytes
192 bytes
6-bit PWM outputs
8
8
6
Note : The M37211M2-XXXSP does not have the PWM6 and the PWM7.
• A-D comparator (5-bit resolution) ................................ 5 channels
• CRT display function
Display characters ..................................... 18 characters ! 2 lines
(16 lines max.)
Character kinds ................................................................ 96 kinds
Dot structure ............................................................. 12 ! 16 dots
Character size .................................................................... 3 kinds
Character color kinds (It can be specified by the character)
max. 7 kinds (R, G, B)
Raster color (max. 7 kinds)
Display layout
Horizontal ..................................................................... 64 levels
Vertical ....................................................................... 128 levels
Bordering (horizontal and vertical)
APPLICATION
TV
MITSUBISHI MICROCOMPUTERS
M37210M3-XXXSP/FP, M37210M4-XXXSP, M37211M2-XXXSP
M37210E4-XXXSP/FP, M37210E4SP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
HSYNC
VSYNC
P60/PWM0
P61/PWM1
P62/PWM2
P63/PWM3
P00/PWM4
P01/PWM5
P02/PWM6
P03/PWM7
P42/SIN/A-D5
P41/SCLK
P40/SOUT (/IN)
D-A
P35/INT2/A-D4
P34/INT1
P33/TIM3
P32/TIM2
P24
P25
P26
P27
CNVSS
XIN
XOUT
VSS
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com