Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37210M3 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37210M3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37210M3 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37210M3 Datasheet HTML 17Page - Renesas Technology Corp M37210M3 Datasheet HTML 18Page - Renesas Technology Corp M37210M3 Datasheet HTML 19Page - Renesas Technology Corp M37210M3 Datasheet HTML 20Page - Renesas Technology Corp M37210M3 Datasheet HTML 21Page - Renesas Technology Corp M37210M3 Datasheet HTML 22Page - Renesas Technology Corp M37210M3 Datasheet HTML 23Page - Renesas Technology Corp M37210M3 Datasheet HTML 24Page - Renesas Technology Corp M37210M3 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
MITSUBISHI MICROCOMPUTERS
M37210M3-XXXSP/FP, M37210M4-XXXSP, M37211M2-XXXSP
M37210E4-XXXSP/FP, M37210E4SP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
20
Fig.15 Structure of PWM output control registers 1 and 2
Note : Fix this bit to “0” (M37211M2-XXXSP).
PWM output control register 2
(PN : address 00D616)
P00/PWM4 output selection bit
0 : P00 (general-purpose) output
1 : PWM4 (6-bit PWM) output
P63/PWM3 output selection bit
0 : P63 (general-purpose) output
1 : PWM3 (6-bit PWM) output
P62/PWM2 output selection bit
0 : P62 (general-purpose) output
1 : PWM2 (6-bit PWM) output
P61/PWM1 output selection bit
0 : P61 (general-purpose) output
1 : PWM1 (6-bit PWM) output
P60/PWM0 output selection bit
0 : P60 (general-purpose) output
1 : PWM0 (6-bit PWM) output
D-A pin general-purpose output register
0 : Output “L”
1 : Output “H”
70
DA, PWM count source STOP bit
0 : Supply
1 : Stop
PWM output control register 1
(PW : address 00D516)
DA/PN4 output selection bit
0 : DA (14-bit PWM) output
1 : PN4 (general-purpose) output
70
P01/PWM5 output selection bit
0 : P01 (general-purpose) output
1 : PWM5 (6-bit PWM) output
P02/PWM6 output selection bit (Note)
0 : P02 (general-purpose) output
1 : PWM6 (6-bit PWM) output
P03/PWM7 output selection bit (Note)
0 : P03(general-purpose) output
1 : PWM7 (6-bit PWM) output
DA output polarity selection bit
0 : Positive polarity
1 : Negative polarity
6-bit PWM output polarity selection bit
0 : Positive polarity
1 : Negative polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com