Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M37271MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37271MF Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M37271MF Datasheet HTML 35Page - Renesas Technology Corp M37271MF Datasheet HTML 36Page - Renesas Technology Corp M37271MF Datasheet HTML 37Page - Renesas Technology Corp M37271MF Datasheet HTML 38Page - Renesas Technology Corp M37271MF Datasheet HTML 39Page - Renesas Technology Corp M37271MF Datasheet HTML 40Page - Renesas Technology Corp M37271MF Datasheet HTML 41Page - Renesas Technology Corp M37271MF Datasheet HTML 42Page - Renesas Technology Corp M37271MF Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
38
Fig. 37. Sync pulse counter register
Sync pulse counter register
(SYC : address 020F16)
Count value
Count source
Count time
0: HSYNC
signal
1: Composite
sync signal
f(XIN)/213
(1024
µs, f(XIN) = 8 MHz)
70
(12) Synchronizing Signal Counter
The synchronizing signal counter counts the composite sync signal
taken out from a video signal in the data slicer circuit or the vertical
synchronizing signal Vsep as a count source.
The count value in a certain time (T time) generated by f(XIN)/213 or
f(XIN)/213 is stored into the 5-bit latch. Accordingly, the latch value
changes in the cycle of T time. When the count value exceeds “1F16,”
“1F16” is stored into the latch.
The latch value can be obtained by reading out the sync pulse counter
register (address 020F16). A count source is selected by bit 5 of the
sync pulse counter register.
The synchronizing signal counter is used when bit 0 of the PWM
mode register 1 (address 02EA16).
Figure 37 shows the structure of the sync pulse counter and Figure
38 shows the synchronizing signal counter block diagram.
Fig. 38. Synchronizing signal counter block diagram
Reset
5-bit counter
Latch (5 bits)
f(XIN)/213
Composite
sync signal
HSYNC signal
Counter
Sync pulse
counter register
Data bus
Selection gate : connected to black
colored side when
reset.
b5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com