Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271MF Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37271MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37271MF Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37271MF Datasheet HTML 45Page - Renesas Technology Corp M37271MF Datasheet HTML 46Page - Renesas Technology Corp M37271MF Datasheet HTML 47Page - Renesas Technology Corp M37271MF Datasheet HTML 48Page - Renesas Technology Corp M37271MF Datasheet HTML 49Page - Renesas Technology Corp M37271MF Datasheet HTML 50Page - Renesas Technology Corp M37271MF Datasheet HTML 51Page - Renesas Technology Corp M37271MF Datasheet HTML 52Page - Renesas Technology Corp M37271MF Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
48
The OSD circuit has an extended display mode. This mode allows
multiple lines (16 lines or more) to be displayed on the screen by
interrupting the display each time one line is displayed and rewriting
data in the block for which display is terminated by software.
Figure 50 shows the configuration of OSD character. Figure 51 shows
the block diagram of the OSD control circuit. Figure 52 shows the
structure of the OSD control register. Figure 53 shows the structure
of the block control register.
Fig. 50. Configuration of OSD character
16 dots
Underline area+
Blank area+
: Displayed only in CCD mode.
Blank area
Character font
OSD mode
CC mode
Extra font
EXOSD mode
16 dots
16 dots
16 dots
16 dots
logical
sum
(OR)
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com