Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61043FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M61043FP
Description  3-Battery Version, Reset Pin
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61043FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M61043FP Datasheet HTML 17Page - Renesas Technology Corp M61043FP Datasheet HTML 18Page - Renesas Technology Corp M61043FP Datasheet HTML 19Page - Renesas Technology Corp M61043FP Datasheet HTML 20Page - Renesas Technology Corp M61043FP Datasheet HTML 21Page - Renesas Technology Corp M61043FP Datasheet HTML 22Page - Renesas Technology Corp M61043FP Datasheet HTML 23Page - Renesas Technology Corp M61043FP Datasheet HTML 24Page - Renesas Technology Corp M61043FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
M61043FP
Rev.1.0, Sep.19.2003, page 21 of 34
Data Timing Diagram (Model)
MSB
LSB
D0
CK
DI
CS
D1
D2
D3
D4
D5
Figure 13 Serial/Parallel Converter Circuit Timing Chart
Data Content
Table 7
Address
Data
Setting Data
D5
D4
D3
D2
D1
D0
Content
Reset
0
0
0
Battery voltage selector
0
0
1
See table 8
Current output shift voltage adjuster
0
1
0
See table 9
Current monitor gain adjuster
0
1
1
See table 10
FET controller
1
0
0
See table 11
Output selector
1
0
1
See table 12
Regulator
Overcurrent detection controller
1
1
1
See table 13
Data Content
Table 8 Battery Voltage Selector
D5 to D3
D2
D1
D0
Output Voltage
Note
001
0
0
0
0 V (no shift voltage)
Selected after reset
001
0
0
1
V1 voltage
001
0
1
0
V2 voltage
001
0
1
1
V3 voltage
001
1
0
0
0 V (no shift voltage)
001
1
0
1
V1 offset voltage
001
1
1
0
V2 offset voltage
001
1
1
1
V3 offset voltage
Note : V1 voltage is selected after reset.
The V0 offset voltage should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com