Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61043FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61043FP
Description  3-Battery Version, Reset Pin
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61043FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61043FP Datasheet HTML 1Page - Renesas Technology Corp M61043FP Datasheet HTML 2Page - Renesas Technology Corp M61043FP Datasheet HTML 3Page - Renesas Technology Corp M61043FP Datasheet HTML 4Page - Renesas Technology Corp M61043FP Datasheet HTML 5Page - Renesas Technology Corp M61043FP Datasheet HTML 6Page - Renesas Technology Corp M61043FP Datasheet HTML 7Page - Renesas Technology Corp M61043FP Datasheet HTML 8Page - Renesas Technology Corp M61043FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
M61043FP
Rev.1.0, Sep.19.2003, page 3 of 34
Pin Function
Table 1
Pin No.
Symbol
Function
1
Vcc
The chip’s power supply pin. Power is supplied by the charger or the battery.
2
RESET
Output pin for microprocessor reset signal.
3
VIN_1
Positive input pin for lithium ion battery 1.
4
VIN_2
Negative input pin for lithium ion battery 1. Positive input pin for lithium ion battery 2.
5
VIN_3
Negative input pin for lithium ion battery 2. Positive input pin for lithium ion battery 3.
6
VIN_12
Charger connect monitor pin. Detects changes from power-down status.
7
DFOUT
Output pin for discharge FET on/off signals. Also turns off when overcurrent detected.
8
CFOUT
Output pin for charge FET on/off signals.
9
GND
Ground pin. Negative input pin for lithium ion battery 3. Connected to charge/discharge
current sensor resistor.
10
VIN_11
Charge/discharge current monitor pin. Connected to charge/discharge current sensor
resistor.
11
Analog_OUT
Output pin for analog signals.
12
CIN
Capacity connection pin for setting overcurrent prevention delay time.
13
CS
When this pin is low level, data input is accepted and data can be stored in a 6-bit shift
register. At the rising edge from low to high the value in the 6-bit shift register is
latched.
14
CK
Shift clock input pin. At the rising edge to high the input signal from the DI pin is input to
the 6-bit shift register.
15
DI
Shift data input pin. Serial data with a data length of 6 bits may be input via this pin.
16
Vreg
Power supply pin for microprocessor. Power can be shut off using a signal from the
microprocessor.
Operation
The M61043FP is an semiconductor IC device developed for smart battery packs. It is ideal for smart battery system
(SBS) battery packs that consist of four lithium ion batteries connected in series. A high-voltage device, it is suitable
for use with a wide variety of charger systems.
It incorporates all the analog circuitry required by smart batteries in a single chip. When used in conjunction with a
microprocessor, it allows the implementation of a variety of functions, such as battery capacity detection, through the
addition of minimal peripheral devices. The functions of the M61043FP are described below.
1. Battery Voltage Detect Circuit
The M61043FP can output the voltage levels of the batteries connected in series via the Analog_out pin. An on-chip
buffer amplifier monitors the pin voltages of the batteries. Offset voltage correction using adjustment by the
microprocessor is also supported. The M61043FP is configured to detect the battery voltage using a microprocessor
driven using a power supply voltage of 5.2 V.
2. Charge/Discharge Current Detect Circuit
SBS requires a function for monitoring the battery capacity. The M61043FP uses an on-chip amplifier to monitor
battery capacity based on a drop in the voltage of an external sensor resistor. In this way, the charge/discharge current is
converted into a voltage.
The voltage amplification ratio can be adjusted from the microprocessor. In addition, the current output shift voltage
can be adjusted from the microprocessor, widening the allowable dynamic range of the A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com