Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54641FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M54641FP
Description  Bi-Directional Motor Driver with Brake Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M54641FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M54641FP Datasheet HTML 1Page - Renesas Technology Corp M54641FP Datasheet HTML 2Page - Renesas Technology Corp M54641FP Datasheet HTML 3Page - Renesas Technology Corp M54641FP Datasheet HTML 4Page - Renesas Technology Corp M54641FP Datasheet HTML 5Page - Renesas Technology Corp M54641FP Datasheet HTML 6Page - Renesas Technology Corp M54641FP Datasheet HTML 7Page - Renesas Technology Corp M54641FP Datasheet HTML 8Page - Renesas Technology Corp M54641FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M54641L/FP
Rev.1.0, Sep.19.2003, page 4 of 8
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted.)
Parameter
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
−0.5 to +12
V
Output Supply voltage
V
CC’
−0.5 to +20
V
Input voltage
V
I
0 to Vcc
V
VI<VCC
Output voltage
V
O
−0.5 to VCC’+2.5
V
Allowable motor rush current
I
O(max)
±800
mA
t
OP =10ms: cycle time 0.2Hz or less
Continuous output current
I
O
±150
mA
Power dissipation
Pd
570
mW
Ta = 60°C(M54641L)
Junction temperature
Tj
100
°C
Operating temperature
Topr
−10 to 60
°C
Storage temperature
Tstg
−55 to 125
°C
Recommended Operating Condition
(Ta = 25°C, unless otherwise noted.)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
V
CC
4
5
10
V
Output current
I
O
±100
mA
“H” input voltage
V
IH
3.0
V
CC
V
“L” input voltage
V
IL
0
0.6
V
Motor braking interval
t
S
10
100
ms
Operation temperature of thermal
protection circuit (junction temperature)
T
S
100
120
°C
Electrical characteristics
(Ta = 2
5°C, V
CC = 5.0V, unless otherwise noted.)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Output leak current
I
O(leak)
100
µA
V
O = 20V
−100
V
CC’ = 20V
V
Z: Open
V
O = 0V
“H” output saturation voltage
V
OH
10.2
10.5
V
I
OH = −50mA
10.0
10.4
V
CC’ = 12V
V
Z: Open
I
OH = −100mA
“L” output saturation voltage
V
OL
0.1
0.3
V
I
OH = 50mA
0.2
0.4
V
CC’ = 12V
V
Z: Open
I
OH = 100mA
Voltage between outputs (1)
and (2) (Voltage across Motor)
V
O1-O2
6.3
7.0
7.7
V
V
CC’ = 12V
V
Z = 7V
I
O = ±100mA
Input voltage
I
I
100
180
µA
V
CC’ = 12V
V
I = 3V
Output open
240
380
V
I = 5V
Supply current
I
CC
1.2
3.0
mA
In “OFF” state
4.5
8.0
Forward rotation or
reverse rotation
7.5
12.0
V
CC = 10V
V
CC’ = 12V
Output OPEN
Braking



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com