Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54641FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M54641FP
Description  Bi-Directional Motor Driver with Brake Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M54641FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M54641FP Datasheet HTML 1Page - Renesas Technology Corp M54641FP Datasheet HTML 2Page - Renesas Technology Corp M54641FP Datasheet HTML 3Page - Renesas Technology Corp M54641FP Datasheet HTML 4Page - Renesas Technology Corp M54641FP Datasheet HTML 5Page - Renesas Technology Corp M54641FP Datasheet HTML 6Page - Renesas Technology Corp M54641FP Datasheet HTML 7Page - Renesas Technology Corp M54641FP Datasheet HTML 8Page - Renesas Technology Corp M54641FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M54641L/FP
Rev.1.0, Sep.19.2003, page 5 of 8
Typical Characteristics
Condition
• With basic installation (epoxy board of 5cm x 5cm x 0.8mmt with copper foil on a single side)
• t : Power apply time
0
Thermal Derating (M54641L)
(Absolute Maximum Rating)
25
50 60
75
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Ambient Temperature Ta (C)
t = 20sec
t =
t = 10sec
0
Thermal Derating (M54641FP)
(Absolute Maximum Rating)
25
50 60
75
100
0
0.2
0.4
0.6
0.8
Ambient Temperature Ta (C)
“H” Output Saturation
Characteristics
Ta = 25C
VCC’ = 12V
VZ = Open
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
“H” Output Voltage VCC’-VOH (V)
0
-50
-100
-150
-200
“L” Output Saturation
Characteristics
Ta = 25C
VCC’ = 12V
VZ = Open
0
0.1
0.2
0.3
0.4
0.5
“L” Output Voltage VOL (V)
0
50
100
150
200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com