Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63155FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M63155FP Datasheet HTML 1Page - Renesas Technology Corp M63155FP Datasheet HTML 2Page - Renesas Technology Corp M63155FP Datasheet HTML 3Page - Renesas Technology Corp M63155FP Datasheet HTML 4Page - Renesas Technology Corp M63155FP Datasheet HTML 5Page - Renesas Technology Corp M63155FP Datasheet HTML 6Page - Renesas Technology Corp M63155FP Datasheet HTML 7Page - Renesas Technology Corp M63155FP Datasheet HTML 8Page - Renesas Technology Corp M63155FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 3 of 40
Block Diagram
1
2
3
4
5
6
7
8
9
10
14
15
12
17
Input Logic Circuit
42, 37
19
21
20
24
26
27
28
29
30
52
TSD
Bandgap
Reference
40
34
50
49
47
48
46
45
44
43
5V
Regulator
51
UT
U
UB
VT
V
VB
WT
W
WB
RSM
NC
HU
HV
HW
CTL TCL
FLT
DS
PWM
FR
BRS
BRK
GND
VCC2
SVCC
OSC2
OSC1
SGND
CP1 CP2 VCP CP3 CP4 VGB CP5
CP6 VGT
VM
REGC
23
FG
33
REGB
32
REGE
31
REGL
39
38
36
Oscillator
16 , 11
GND
13 RSS
Toff
circuit
FCE
18
VCC1
25
RST
35
REGR
22
CCFB
41
C
C
C
A
D
B
A
D
B
A
D
B
A
D
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com