Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2A Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C2A
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  609 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2A Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C2A Datasheet HTML 85Page - Renesas Technology Corp R8C2A Datasheet HTML 86Page - Renesas Technology Corp R8C2A Datasheet HTML 87Page - Renesas Technology Corp R8C2A Datasheet HTML 88Page - Renesas Technology Corp R8C2A Datasheet HTML 89Page - Renesas Technology Corp R8C2A Datasheet HTML 90Page - Renesas Technology Corp R8C2A Datasheet HTML 91Page - Renesas Technology Corp R8C2A Datasheet HTML 92Page - Renesas Technology Corp R8C2A Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 609 page
background image
R8C/2A Group, R8C/2B Group
7. Programmable I/O Ports
Rev.2.00
Nov 26, 2007
Page 69 of 580
REJ09B0324-0200
Figure 7.13
Pi (i = 0 to 6 and 8) Registers
Port Pi Register (i = 0 to 6, 8)
Symbol
Address
After Reset
P0
00E0h
Undefined
P1
00E1h
Undefined
P2
00E4h
Undefined
P3
00E5h
Undefined
P4(1)
00E8h
Undefined
P5(2)
00E9h
Undefined
P6
00ECh
Undefined
P8(3)
02E6h
Undefined
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. The P8_7 bit in the P8 register is a reserved bit. If it is necessary to set the P8_7 bit, set to 0.
Bits P5_5 to P5_7 in the P5 register are reserved bits. If it is necessary to set bits P5_5 to P5_7, set to 0.
Bits P4_0 to P4_2 in the P4 register are unavailable on this MCU.
If it is necessary to set bits P4_0 to P4_2, set to 0 (“L” level). When read, the content is 0.
Pi_7
Pi_6
RW
b3 b2 b1 b0
Pi_1
Pi_5
Pi_0
Pi_2
Pi_4
Pi_3
b7 b6 b5 b4
Port Pi_0 bit
Port Pi_1 bit
Port Pi_7 bit
Port Pi_5 bit
Port Pi_4 bit
Port Pi_3 bit
RW
Port Pi_6 bit
RW
Port Pi_2 bit
RW
The pin level of any I/O port w hich is set to
input mode can be read by reading the
corresponding bit in this register. The pin level
of any I/O port w hich is set to output mode
can be controlled by w riting to the
corresponding bit in this register.
0 : “L” level
1 : “H” level
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com