Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7211 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 3Page - Renesas Technology Corp SH7211 Datasheet HTML 4Page - Renesas Technology Corp SH7211 Datasheet HTML 5Page - Renesas Technology Corp SH7211 Datasheet HTML 6Page - Renesas Technology Corp SH7211 Datasheet HTML 7Page - Renesas Technology Corp SH7211 Datasheet HTML 8Page - Renesas Technology Corp SH7211 Datasheet HTML 9Page - Renesas Technology Corp SH7211 Datasheet HTML 10Page - Renesas Technology Corp SH7211 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page vii of xxiv
REJ09B0344-0200
• Examples
The notation used for register names, bit names, numbers, and symbols in this manual is
described below.
CMCSR indicates compare match generation, enables or disables interrupts, and selects the counter
input clock.Generation of a
WDTOVF signal or interrupt initializes the TCNT value to 0.
14.3 Operation
The style (register name)_(channel number) is used in cases where the same or a
similar function is implemented on more than one channel.
Example: CMCSR_0
When bit names are given in this manual, the higher-order bits are to the left and the
lower-order bits are to the right.
Example: CKS1, CKS0
(1) Registers
(2) Bits
Rev. 0.50, 10/04, page 416 of 914
14.2.2 Compare Match Control/Status Register_0, _1 (CMCSR_0, CMCSR_1)
14.3.1 Interval Count Operation
(4)
(2)
(3)
(1)
Binary numbers are given as B'xxxx, hexadecimal are given as H'xxxx, and decimal
are given as xxxx.
Examples: B'11 or 11, H'EFA0, 1234
(3) Numbers
An overbar is added to the names of active-low signals.
Example:
WDTOVF
Note: The bit names and sentences in the above figure are examples, and have nothing to do
with the contents of this manual.
(4) Symbols
When an internal clock is selected with the CKS1 and CKS0 bits in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT starts incrementing using the selected clock. When the values in
CMCNT and the compare match constant register (CMCOR) match, CMCNT is cleared to H'0000
and the CMF flag in CMCSR is set to 1. When the CKS1 and CKS0 bits are set to B'01 at this time,
a f/4 clock is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com