Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7211 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 81Page - Renesas Technology Corp SH7211 Datasheet HTML 82Page - Renesas Technology Corp SH7211 Datasheet HTML 83Page - Renesas Technology Corp SH7211 Datasheet HTML 84Page - Renesas Technology Corp SH7211 Datasheet HTML 85Page - Renesas Technology Corp SH7211 Datasheet HTML 86Page - Renesas Technology Corp SH7211 Datasheet HTML 87Page - Renesas Technology Corp SH7211 Datasheet HTML 88Page - Renesas Technology Corp SH7211 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 61 of 1200
REJ09B0344-0200
Section 4 Clock Pulse Generator (CPG)
This LSI has a clock pulse generator (CPG) that generates an internal clock (I
φ), a peripheral clock
(P
φ), a bus clock (Bφ), an MTU2S clock (Mφ), and an AD clock (Aφ). The CPG consists of a
crystal oscillator, PLL circuits, and divider circuits.
4.1
Features
• Clock operating modes
Either the internal crystal resonator or the input on the external clock-signal line can be
selected.
• Five clocks generated independently
An internal clock (I
φ) for the CPU, a peripheral clock (Pφ) for the peripheral modules, a bus
clock (B
φ = CK) for the external bus interface, an MTU2S clock (Mφ) for the MTU2S module,
and an AD clock (A
φ) for the ADC module can be generated independently.
• Frequency change function
Internal and peripheral clock frequencies can be changed independently using the PLL (phase
locked loop) circuits and divider circuits within the CPG. Frequencies are changed by software
using frequency control register (FRQCR) settings.
• Power-down mode control
The clock can be stopped for sleep mode and software standby mode, and specific modules can
be stopped using the module standby function. For details on clock control in the power-down
modes, see section 23, Power-Down Modes.
Figure 4.1 shows a block diagram of the clock pulse generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com