Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8405 Datasheet(PDF) 49 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 45Page - Texas Instruments AFE8405 Datasheet HTML 46Page - Texas Instruments AFE8405 Datasheet HTML 47Page - Texas Instruments AFE8405 Datasheet HTML 48Page - Texas Instruments AFE8405 Datasheet HTML 49Page - Texas Instruments AFE8405 Datasheet HTML 50Page - Texas Instruments AFE8405 Datasheet HTML 51Page - Texas Instruments AFE8405 Datasheet HTML 52Page - Texas Instruments AFE8405 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
7.2.4
DDC Filtering and Decimation
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Each of the 16 CDMA DDC channels can be loaded with unique frequency values.
The phase of the NCO sin/cos output can be adjusted relative to the phase of other channel NCOs by
specifying a phase offset. The phase offset is programmed as a 16-bit word, yielding a step size of about
5.5 m
°. The phase offset word is determined by the formula:
Phase offset word = 216
× offset_in_degrees / 360, or
Phase offset word = 216
× offset_in_radians / 2π
A
PHASE PROGRAMMING
VARIABLE
DESCRIPTION
phase_offset_a(15:0)
16-bit phase offset word for the A-side DDC when in CDMA mode. Also for UMTS mode.
phase_offset_b(15:0)
16-bit phase offset word for the B-side DDC when in CDMA mode. Not used in UMTS mode.
Each of the 16 CDMA DDC channels can be loaded with unique phase-offset values.
Various synchronization signals are available which are used to synchronize the NCOs of all channels
with respect to each other. Frequency sync and phase-offset sync determine when frequency and phase
offset changes occur. For example, generating a frequency sync after programming the two frequency
words causes the NCO (or multiple NCOs) to change frequency at that time, rather than after each of the
three frequency words is programmed over the control bus. The zero-phase sync signal is used to force
the sine and cosine oscillators to their zero-phase state. Dither sync can be used to synchronize the dither
generators of multiple NCOs. The NCOs used in the transmit section are identical to what is described for
the receive section. Note that there is one set of syncs provided for each DDC. When one DDC is used to
process two CDMA signals, the syncs are shared between them.
A
SYNC PROGRAMMING
VARIABLE
DESCRIPTION
ssel_nco(2:0)
Sync source for NCO accumulator reset
ssel_dither(2:0)
Sync source for NCO dither reset
ssel_freq(2:0)
Sync source for NCO frequency register loading
ssel_phase(2:0)
Sync source for NCO phase register loading
The purpose of the receive filter chain is to isolate the signal of interest (and reject all others) that has
been previously translated to baseband via the mixer and NCO. The overall decimation through the chain
must be considered. The goal, generally, is to output the isolated signal at a rate that is twice (2
×) the
signal’s chip rate. For UMTS this would be 7.68 MSPS and for CDMA the output rate should be 2.4576
MSPS. TD-SCDMA systems require the output rate be the chip rate of 1.28 MSPS. The output interface is
programmed to decimate by 2 for the TD-SCDMA case.
Receive filtering and decimation is performed in several stages:
1. Zero-padding to interpolate the input sample rate (if needed) up to the rxclk rate
2. High-rate decimation (4 to 32) using a six-stage cascade-integrate-comb filter (CIC)
3. Decimate-by-two compensation filtering using the programmable compensating FIR filter (CFIR)
4. Pulse-shape filtering via the programmable FIR filter (PFIR) with no decimation
5. Output interface, serial or parallel format, with no decimation or decimate-by-2
Submit Documentation Feedback
RECEIVE DIGITAL SIGNAL PROCESSING
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com