Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8405 Datasheet(PDF) 71 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 67Page - Texas Instruments AFE8405 Datasheet HTML 68Page - Texas Instruments AFE8405 Datasheet HTML 69Page - Texas Instruments AFE8405 Datasheet HTML 70Page - Texas Instruments AFE8405 Datasheet HTML 71Page - Texas Instruments AFE8405 Datasheet HTML 72Page - Texas Instruments AFE8405 Datasheet HTML 73Page - Texas Instruments AFE8405 Datasheet HTML 74Page - Texas Instruments AFE8405 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 152 page
background image
7.2.12 DDC Checksum Generator
B0129-01
Checksum
Generator
ChecksumRead-Only
ResultsUpdatedon
EachSyncEvent
0
10
14
15
1
3
2
9
InitializedOnSyncEventto “0000000000000010”
rxout_X_d
rxout_X_c
rxout_X_b
rxout_X_a
rxout_X_a
rxout_X_b
rxout_X_c
rxout_X_d
rxclk
sync
Results
register
11
12
13
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
PROGRAMMING
VARIABLE
DESCRIPTION
par_recv_fsinvl(6:0)
rx_sync_out (frame strobe) sync interval. 0 is 1 rxclk cycle and 127 is 128 rxclk cycles.
par_recv_clkdiv(6:0)
rxclk_out cycles per IQ channel sample; 1 is full rate, 2 is rxclk/2, etc.
par_recv_chan(3:0)
Number channels to be output. 0 is 1 channel, and 15 is 16 channels.
par_recv_sync_del(6:0)
Delays the DDC0 pser sync source to establish the timing of IQ DDC0. Increasing the value delays the
par_sync_out location.
par_recv_syncout_del(3:0)
Delays the rx_sync_out position with respect to IQ DDC0. Setting to 0 moves the rx_sync_out pulse one
rxclk_out cycle before the IQ DDC0 word, setting to 1 places it as shown above, lined up with IQ DDC0,
etc.
par_recv_rxclk_pol
rxclk_out polarity. Outputs data on falling edges when cleared, rising edges when set.
par_recv_sync_pol
Parallel interface par_sync_out polarity. 0 is active-low, 1 for active-high
par_recv_ena
Parallel TCI110 style interface enabled when set, serial interface enabled when cleared.
ssel_serial(2:0)
DDC channel serial interface sync source selection. All DDCs should be programmed to the same sync
source when using this parallel output interface.
gain_mon
When set, the parallel output data includes 8b I at I(15:8), 8b Q at Q(15:8), 14b AGC gain at I(7:0) and
Q(7:2) and 2b AGC state at Q(1:0).
3-state(6:3)
3-state controls for the rx_sync_out_X and rxout_X_X pins. Pins are in the high-impedance state when
the 3-state register bits are set.
The checksum generator is used in conjunction with the input test signal generator to implement a self-test
capability.
Figure 7-34. DDC Checksum Generator Block Diagram
The sync for the checksum generator is internally connected to the ddc_counter output.
A
Submit Documentation Feedback
RECEIVE DIGITAL SIGNAL PROCESSING
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com