Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KDFB Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F3650KDFB
Description  RENESAS MCU M16C FAMILY / M16C/60
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KDFB Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F3650KDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 36Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 37Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 38Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 39Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 40Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 41Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 42Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 829 page
background image
REJ09B0484-0030 Rev.0.30 Sep 09, 2008
Page 4 of 791
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
M16C/65 Group
1. Overview
Table 1.3
Specifications (100-Pin Package) (1/2)
Item
Function
Specification
CPU
Central processing unit
M16C/60 core
(multiplier: 16-bit × 16-bit
32-bit,
multiply and accumulate instruction: 16-bit × 16-bit + 32-bit
32-bit)
• Number of basic instructions: 91
• Minimum instruction execution time:
31.25 ns (f(BCLK) = 32 MHz, VCC1 = 3.0 to 5.5 V)
• Operating modes: Single-chip, memory expansion, and microprocessor
Memory
ROM, RAM, data flash
See Table 1.7 “Product List”.
Voltage
Detection
Voltage detector
• Power-on reset
• 3 voltage detection points (detection level of voltage detection 0 and 1
selectable)
Clock
Clock generator
• 5 circuits: Main clock, sub clock, low-speed on-chip oscillator (125 kHz),
high-speed on-chip oscillator (40 MHz ± 10%), PLL frequency synthesizer
• Oscillation stop detection: Main clock oscillation stop detection and re-
oscillation detection function
• Frequency divider circuit: Divide ratio selectable from 1, 2, 4, 8, and 16
• Power save: Wait mode, stop mode
• Real time clock
External Bus
Expansion
Bus and memory
expansion
• Address space: 1 Mbyte
• External bus interface: 0 to 8wait states, 4 chip select outputs, memory area
expansion function (extension enable up to 4-Mbyte), 3 V, 5 V interface
• Bus format: Separate bus or multiplexed bus selectable, data bus width
selectable (8 or 16 bits), number of address buses selectable (12, 16, or
20)
I/O Ports
Programmable I/O ports
• CMOS I/O ports: 85, selectable pull-up resistor
• N-channel open drain ports: 3
Interrupts
• Interrupt vectors: 70
• External interrupt input: 13 (NMI, INT × 8, key input × 4)
• Interrupt priority levels: 7
Watchdog Timer
15 bits × 1 (with prescaler)
Automatic reset start function selectable
DMA
DMAC
• 4 channels, cycle steal mode
• Trigger sources: 43
• Transfer modes: 2 (single transfer, repeat transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com