Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KDFB Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F3650KDFB
Description  RENESAS MCU M16C FAMILY / M16C/60
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KDFB Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F3650KDFB Datasheet HTML 28Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 29Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 30Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 31Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 32Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 33Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 34Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 829 page
background image
B - 3
Address
Register
Symbol
Page
01FBh
PMC1 Function Select Register 3
PMC1CON3
451
01FCh
PMC1 Status Register
PMC1STS
452
01FDh
PMC1 Interrupt Source Select Register
PMC1INT
455
01FEh
01FFh
0200h
0201h
0202h
0203h
0204h
0205h
Interrupt Source Select Register 3
IFSR3A
225
0206h
Interrupt Source Select Register 2
IFSR2A
226
0207h
Interrupt Source Select Register
IFSR
227
0208h
0209h
020Ah
020Bh
020Ch
020Dh
020Eh
Address Match Interrupt Enable Register
AIER
228
020Fh
Address Match Interrupt Enable Register 2
AIER2
228
0210h
Address Match Interrupt Register 0
RMAD0
229
0211h
0212h
0213h
0214h
Address Match Interrupt Register 1
RMAD1
229
0215h
0216h
0217h
0218h
Address Match Interrupt Register 2
RMAD2
229
0219h
021Ah
021Bh
021Ch
Address Match Interrupt Register 3
RMAD3
229
021Dh
021Eh
021Fh
0220h
Flash Memory Control Register 0
FMR0
130
0221h
Flash Memory Control Register 1
FMR1
701
0222h
Flash Memory Control Register 2
FMR2
131
0223h
Flash Memory Control Register 3
FMR3
703
0224h
0225h
0226h
0227h
0228h
0229h
022Ah
022Bh
022Ch
022Dh
022Eh
022Fh
0230h
Flash Memory Control Register 6
FMR6
704
0231h
0232h
0233h
0234h
0235h
0236h
0237h
0238h
0239h
023Ah
023Bh
023Ch
023Dh
023Eh
023Fh
Address
Register
Symbol
Page
0240h
0241h
0242h
0243h
0244h
UART0 Special Mode Register 4
U0SMR4
507
0245h
UART0 Special Mode Register 3
U0SMR3
506
0246h
UART0 Special Mode Register 2
U0SMR2
505
0247h
UART0 Special Mode Register
U0SMR
504
0248h
UART0 Transmit/Receive Mode Register
U0MR
498
0249h
UART0 Bit Rate Register
U0BRG
498
024Ah
UART0 Transmit Buffer Register
U0TB
495
024Bh
024Ch
UART0 Transmit/Receive Control Register 0
U0C0
499
024Dh
UART0 Transmit/Receive Control Register 1
U0C1
501
024Eh
UART0 Receive Buffer Register
U0RB
496
024Fh
0250h
UART Transmit/Receive Control Register 2
UCON
503
0251h
0252h
UART Clock Select Register
UCLKSEL0
494
0253h
0254h
UART1 Special Mode Register 4
U1SMR4
507
0255h
UART1 Special Mode Register 3
U1SMR3
506
0256h
UART1 Special Mode Register 2
U1SMR2
505
0257h
UART1 Special Mode Register
U1SMR
504
0258h
UART1 Transmit/Receive Mode Register
U1MR
498
0259h
UART1 Bit Rate Register
U1BRG
498
025Ah
UART1 Transmit Buffer Register
U1TB
495
025Bh
025Ch
UART1 Transmit/Receive Control Register 0
U1C0
499
025Dh
UART1 Transmit/Receive Control Register 1
U1C1
501
025Eh
UART1 Receive Buffer Register
U1RB
496
025Fh
0260h
0261h
0262h
0263h
0264h
UART2 Special Mode Register 4
U2SMR4
507
0265h
UART2 Special Mode Register 3
U2SMR3
506
0266h
UART2 Special Mode Register 2
U2SMR2
505
0267h
UART2 Special Mode Register
U2SMR
504
0268h
UART2 Transmit/Receive Mode Register
U2MR
498
0269h
UART2 Bit Rate Register
U2BRG
498
026Ah
UART2 Transmit Buffer Register
U2TB
495
026Bh
026Ch
UART2 Transmit/Receive Control Register 0
U2C0
499
026Dh
UART2 Transmit/Receive Control Register 1
U2C1
501
026Eh
UART2 Receive Buffer Register
U2RB
496
026Fh
0270h
SI/O3 Transmit/Receive Register
S3TRR
557
0271h
0272h
SI/O3 Control Register
S3C
558
0273h
SI/O3 Bit Rate Register
S3BRG
559
0274h
SI/O4 Transmit/Receive Register
S4TRR
557
0275h
0276h
SI/O4 Control Register
S4C
558
0277h
SI/O4 Bit Rate Register
S4BRG
559
0278h
SI/O3, 4 Control Register 2
S34C2
559
0279h
027Ah
027Bh
027Ch
027Dh
027Eh
027Fh
0280h
0281h
0282h
Note: 1. Blank columns are all reserved space. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com