Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 491Page - Renesas Technology Corp H8S2245 Datasheet HTML 492Page - Renesas Technology Corp H8S2245 Datasheet HTML 493Page - Renesas Technology Corp H8S2245 Datasheet HTML 494Page - Renesas Technology Corp H8S2245 Datasheet HTML 495Page - Renesas Technology Corp H8S2245 Datasheet HTML 496Page - Renesas Technology Corp H8S2245 Datasheet HTML 497Page - Renesas Technology Corp H8S2245 Datasheet HTML 498Page - Renesas Technology Corp H8S2245 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 453 of 772
REJ09B0355-0300
12.3.4
Operation in Clocked Synchronous Mode
In clocked synchronous mode, data is transmitted or received in synchronization with clock
pulses, making it suitable for high-speed serial communication.
Inside the SCI, the transmitter and receiver are independent units, enabling full-duplex
communication by use of a common clock. Both the transmitter and the receiver also have a
double-buffered structure, so that data can be read or written during transmission or reception,
enabling continuous data transfer.
Figure 12.14 shows the general format for clocked synchronous serial communication.
Don't care
Don't care
One unit of transfer data (character or frame)
Bit 0
Serial
data
Serial
clock
Bit 1
Bit 3
Bit 4
Bit 5
LSB
MSB
Bit 2
Bit 6
Bit 7
*
Note: * High except in continuous transfer
*
Figure 12.14 Data Format in Synchronous Communication
In clocked synchronous serial communication, data on the transmission line is output from one
falling edge of the serial clock to the next. Data confirmation is guaranteed at the rising edge of
the serial clock.
In clocked serial communication, one character consists of data output starting with the LSB and
ending with the MSB. After the MSB is output, the transmission line holds the MSB state.
In clocked synchronous mode, the SCI receives data in synchronization with the rising edge of the
serial clock.
Data Transfer Format
A fixed 8-bit data format is used.
No parity or multiprocessor bits are added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com