Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 492Page - Renesas Technology Corp H8S2245 Datasheet HTML 493Page - Renesas Technology Corp H8S2245 Datasheet HTML 494Page - Renesas Technology Corp H8S2245 Datasheet HTML 495Page - Renesas Technology Corp H8S2245 Datasheet HTML 496Page - Renesas Technology Corp H8S2245 Datasheet HTML 497Page - Renesas Technology Corp H8S2245 Datasheet HTML 498Page - Renesas Technology Corp H8S2245 Datasheet HTML 499Page - Renesas Technology Corp H8S2245 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 454 of 772
REJ09B0355-0300
Clock
Either an internal clock generated by the on-chip baud rate generator or an external serial clock
input at the SCK pin can be selected, according to the setting of the C/
A bit in SMR and the CKE1
and CKE0 bits in SCR. For details of SCI clock source selection, see table 12.9.
When the SCI is operated on an internal clock, the serial clock is output from the SCK pin.
Eight serial clock pulses are output in the transfer of one character, and when no transfer is
performed the clock is fixed high. When only receive operations are performed, however, the
serial clock is output until an overrun error occurs or the RE bit is cleared to 0. If you want to
perform receive operations in units of one character, you should select an external clock as the
clock source.
Data Transfer Operations
SCI initialization (clocked synchronous mode): Before transmitting and receiving data, you
should first clear the TE and RE bits in SCR to 0, then initialize the SCI as described below.
When the operating mode, transfer format, etc., is changed, the TE and RE bits must be cleared to
0 before making the change using the following procedure. When the TE bit is cleared to 0, the
TDRE flag is set to 1 and TSR is initialized. Note that clearing the RE bit to 0 does not change the
contents of the RDRF, PER, FER, and ORER flags, or the contents of RDR.
Figure 12.15 shows a sample SCI initialization flowchart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com