Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 536 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 532Page - Renesas Technology Corp H8S2245 Datasheet HTML 533Page - Renesas Technology Corp H8S2245 Datasheet HTML 534Page - Renesas Technology Corp H8S2245 Datasheet HTML 535Page - Renesas Technology Corp H8S2245 Datasheet HTML 536Page - Renesas Technology Corp H8S2245 Datasheet HTML 537Page - Renesas Technology Corp H8S2245 Datasheet HTML 538Page - Renesas Technology Corp H8S2245 Datasheet HTML 539Page - Renesas Technology Corp H8S2245 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 494 of 772
REJ09B0355-0300
Serial Data Reception
Data reception in Smart Card mode uses the same processing procedure as for the normal SCI.
Figure 13.7 shows an example of the transmission processing flow.
[1] Perform Smart Card interface mode initialization as described above in Initialization.
[2] Check that the ORER flag and PER flag in SSR are cleared to 0. If either is set, perform the
appropriate receive error processing, then clear both the ORER and the PER flag to 0.
[3] Repeat steps [2] and [3] until it can be confirmed that the RDRF flag is set to 1.
[4] Read the receive data from RDR.
[5] When receiving data continuously, clear the RDRF flag to 0 and go back to step [2].
[6] To end reception, clear the RE bit to 0.
Initialization
Read RDR and clear
RDRF flag in SSR to 0
Clear RE bit to 0
Start reception
Start
Error processing
No
No
No
Yes
Yes
ORER = 0 and
PER = 0?
RDRF = 1?
All data received?
Yes
Figure 13.7 Example of Reception Processing Flow
With the above processing, interrupt servicing or data transfer by the or DTC is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com