Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 534Page - Renesas Technology Corp H8S2245 Datasheet HTML 535Page - Renesas Technology Corp H8S2245 Datasheet HTML 536Page - Renesas Technology Corp H8S2245 Datasheet HTML 537Page - Renesas Technology Corp H8S2245 Datasheet HTML 538Page - Renesas Technology Corp H8S2245 Datasheet HTML 539Page - Renesas Technology Corp H8S2245 Datasheet HTML 540Page - Renesas Technology Corp H8S2245 Datasheet HTML 541Page - Renesas Technology Corp H8S2245 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 496 of 772
REJ09B0355-0300
Interrupt Operation
There are three interrupt sources in smart card interface mode: transmit data empty interrupt (TXI)
requests, transfer error interrupt (ERI) requests, and receive data full interrupt (RXI) requests. The
transmit end interrupt (TEI) request is not used in this mode.
When the TEND flag in SSR is set to 1, a TXI interrupt request is generated.
When the RDRF flag in SSR is set to 1, an RXI interrupt request is generated.
When any of flags ORER, PER, and ERS in SSR is set to 1, an ERI interrupt request is generated.
The relationship between the operating states and interrupt sources is shown in table 13.8.
Table 13.8
Smart Card Mode Operating States and Interrupt Sources
Operating State
Flag
Enable Bit
Interrupt
Source
DTC
Activation
Transmit Mode
Normal
operation
TEND
TIE
TXI
Possible
Error
ERS
RIE
ERI
Not possible
Receive Mode
Normal
operation
RDRF
RIE
RXI
Possible
Error
PER, ORER
RIE
ERI
Not possible
Data Transfer Operation by DTC
In smart card mode, as with the normal SCI, transfer can be carried out using the DTC. In a
transmit operation, the TDRE flag is also set to 1 at the same time as the TEND flag in SSR, and a
TXI interrupt is generated. If the TXI request is designated beforehand as a DTC activation
source, the DTC will be activated by the TXI request, and transfer of the transmit data will be
carried out. When DISEL in DTC is 0 and the transfer counter value is not 0, the TDRE and
TEND flags are automatically cleared to 0 when data transfer is performed. If DISEL is 1, or if
DISEL is 0 and the transfer counter value is 0, the DTC writes the transfer data to TDR but does
not clear the flags. Therefore, the flags should be cleared by the CPU. In the event of an error, the
SCI retransmits the same data automatically. The TEND flag remains cleared to 0 during this time,
and the DTC is not activated. Thus, the number of bytes specified by the SCI and DTC are
transmitted automatically even in retransmission following an error. However, the ERS flag is not
cleared automatically when an error occurs, and so the RIE bit should be set to 1 beforehand so
that an ERI request will be generated in the event of an error, and the ERS flag will be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com