Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 106Page - Renesas Technology Corp H8S2245 Datasheet HTML 107Page - Renesas Technology Corp H8S2245 Datasheet HTML 108Page - Renesas Technology Corp H8S2245 Datasheet HTML 109Page - Renesas Technology Corp H8S2245 Datasheet HTML 110Page - Renesas Technology Corp H8S2245 Datasheet HTML 111Page - Renesas Technology Corp H8S2245 Datasheet HTML 112Page - Renesas Technology Corp H8S2245 Datasheet HTML 113Page - Renesas Technology Corp H8S2245 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 68 of 772
REJ09B0355-0300
The bit manipulation operation is performed on this value that was read. In this example, bit 4 will
be cleared for H'F8.
P17
P16
P15
P14
P13
P12
P11
P10
I/O
Output
Output
Output
Output
Input
Input
Input
Input
P1DDR
1
1
1
1
0
0
0
0
After bit
manipulation
11
1
0
1
000
After the bit manipulation operation, this data will be written to P1DDR, and the BCLR
instruction completes.
P17
P16
P15
P14
P13
P12
P11
P10
I/O
Output
Output
Output
Input
Output
Input
Input
Input
P1DDR
1
1
1
0
1
000
Write value
1
1
1
0
1
000
Although the instruction was expected to write H'E0 back to P1DDR, it actually wrote H'E8, and
P13, which was expected to be an input pin, is changed to function as an output pin. While this
section described the case where P13 was read out as a 1, since the values read are undefined
when P17 to P10 are read, when this bit manipulation instruction completes, bits that were 0 may
be changed to 1, and bits that were 1 may be changed to 0. To avoid this sort of problem, see
section 2.10.4, Access Methods for Registers with Write-Only Bits, for methods for modifying
registers that include write-only bits.
Also note that it is possible to use the BCLR instruction to clear to 0 flags in internal I/O registers.
In this case, if it is clear from the interrupt handler or other information that the corresponding flag
is set to 1, then there is no need to read the value of the corresponding flag in advance.
2.10.4
Access Methods for Registers with Write-Only Bits
Undefined values will be read out if a data transfer instruction is executed for a register that
includes write-only bits, or if a bit manipulation instruction is executed for a register that includes
write-only bits. To avoid reading undefined values, use methods such as those shown below to
access registers that include write-only bits.
The basic method for writing to a register that includes write-only bits is to create a work area in
internal RAM or other memory area and first write the data to that area. Then, perform the desired
access operation for that memory and finally write that data to the register that includes write-only
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com